Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 68 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 68 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 64Page - Microchip Technology USB3347CPTR Datasheet HTML 65Page - Microchip Technology USB3347CPTR Datasheet HTML 66Page - Microchip Technology USB3347CPTR Datasheet HTML 67Page - Microchip Technology USB3347CPTR Datasheet HTML 68Page - Microchip Technology USB3347CPTR Datasheet HTML 69Page - Microchip Technology USB3347CPTR Datasheet HTML 70Page - Microchip Technology USB3347CPTR Datasheet HTML 71Page - Microchip Technology USB3347CPTR Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
USB334x
DS00002646A-page 68
2009-2018 Microchip Technology Inc.
7.1.1.10
USB Interrupt Status
Address = 13h (read only)
This register dynamically updates to reflect current status of interrupt sources.
SessEnd Fall
3
rd/w/s/c
1b
Generate an interrupt event notification when
SessEnd changes from high to low.
IdGnd Fall
4
rd/w/s/c
1b
Generate an interrupt event notification when IdGnd
changes from high to low.
Reserved
7:5
rd
0h
Read only, 0.
Field Name
Bit
Access
Default
Description
HostDisconnect
0
rd
(read
only)
0b
Current value of the UTMI+ HS Hostdisconnect
output. Applicable only in host mode.
VbusValid
1
0b
Current value of the UTMI+ Vbusvalid output. If
VbusValid Rise and VbusValid Fall are set this
register will read 0.
SessValid
2
0b
Current value of the UTMI+ SessValid output. This
register will always read the current status of the
Session Valid comparator regardless of the
SessValid Rise and SessValid Fall settings.
SessEnd
3
0b
Current value of the UTMI+ SessEnd output. If
SessEnd Rise and SessEnd Fall are set this register
will read 0.
IdGnd
4
0b
Current value of the UTMI+ IdGnd output.
Reserved
7:5
0h
Read only, 0.
Note:
The default value is only valid after POR. When the register is read it will match the current status of the
comparators at the moment the register is read.
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com