Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 66 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 66 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 62Page - Microchip Technology USB3347CPTR Datasheet HTML 63Page - Microchip Technology USB3347CPTR Datasheet HTML 64Page - Microchip Technology USB3347CPTR Datasheet HTML 65Page - Microchip Technology USB3347CPTR Datasheet HTML 66Page - Microchip Technology USB3347CPTR Datasheet HTML 67Page - Microchip Technology USB3347CPTR Datasheet HTML 68Page - Microchip Technology USB3347CPTR Datasheet HTML 69Page - Microchip Technology USB3347CPTR Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
USB334x
DS00002646A-page 66
2009-2018 Microchip Technology Inc.
7.1.1.7
OTG Control
Address = 0A-0Ch (read), 0Ah (write), 0Bh (set), 0Ch (clear)
ClockSuspendM
3
rd/w/s/c
0b
Enables Link to turn on 60 MHz CLKOUT in Serial
Mode or Carkit Mode.
0b: Disable clock in serial or Carkit Mode.
1b: Enable clock in serial or Carkit Mode.
AutoResume
4
rd/w/s/c
0b
Only applicable in Host mode. Enables the PHY to
automatically transmit resume signaling. This
function is detailed in Section 6.4.1.4, "Host Resume
K," on page 53.
IndicatorComplement
5
rd/w/s/c
0b
Inverts the EXTVBUS signal. This function is detailed
in Section 5.7.2, "VBUS Monitoring and VBUS
Pulsing," on page 35.
Note:
The EXTVBUS signal is always high on the
USB334x.
IndicatorPassThru
6
rd/w/s/c
0b
Disables and’ing the internal VBUS comparator with
the EXTVBUS signal when asserted. This function is
detailed in Section 5.7.2, "VBUS Monitoring and
VBUS Pulsing," on page 35.
Note:
The EXTVBUS signal is always high on the
USB334x.
InterfaceProtectDisable
7
rd/w/s/c
0b
Used to disable the integrated STP pull-up resistor
used for interface protection. This function is detailed
in Section 6.5.4, "Interface Protection," on page 57.
Field Name
Bit
Access
Default
Description
IdPullup
0
rd/w/s/c
0b
Connects a 100 kΩ pull-up resistor from the ID pin to
VDD33
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor
DpPulldown
1
rd/w/s/c
1b
Enables the 15 kΩ pull-down resistor on DP.
0b: Pull-down resistor not connected
1b: Pull-down resistor connected
DmPulldown
2
rd/w/s/c
1b
Enables the 15 kΩ pull-down resistor on DM.
0b: Pull-down resistor not connected
1b: Pull-down resistor connected
DischrgVbus
3
rd/w/s/c
0b
This bit is only used during SRP. Connects a resistor
from VBUS to ground to discharge VBUS.
0b: disconnect resistor from VBUS to ground
1b: connect resistor from VBUS to ground
ChrgVbus
4
rd/w/s/c
0b
This bit is only used during SRP. Connects a resistor
from VBUS to VDD33 to charge VBUS above the
SessValid threshold.
0b: disconnect resistor from VBUS to VDD33
1b: connect resistor from VBUS to VDD33
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com