Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 38 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 34Page - Microchip Technology USB3347CPTR Datasheet HTML 35Page - Microchip Technology USB3347CPTR Datasheet HTML 36Page - Microchip Technology USB3347CPTR Datasheet HTML 37Page - Microchip Technology USB3347CPTR Datasheet HTML 38Page - Microchip Technology USB3347CPTR Datasheet HTML 39Page - Microchip Technology USB3347CPTR Datasheet HTML 40Page - Microchip Technology USB3347CPTR Datasheet HTML 41Page - Microchip Technology USB3347CPTR Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
USB334x
DS00002646A-page 38
2009-2018 Microchip Technology Inc.
5.7.3
DRIVING EXTERNAL VBUS
The USB334x monitors VBUS as described in VBUS Monitoring and VBUS Pulsing. The USB334x does not provide an
external output for the DrvVbusExternal ULPI register. For OTG and Host applications, the external VBUS supply or
power switch must be controlled by the Link.
5.8
USB UART Support
The USB334x provides support for the USB UART interface as detailed in the ULPI specification and the former CEA-
936A specification. The USB334x can be placed in UART Mode using the method described in Section 6.7, "Carkit
Mode," on page 59, and the regulator output will automatically switch to the value configured by the UART RegOutput
bits in the USB IO & Power Management register. While in UART mode, the Linestate signals cannot be monitored on
the DATA[0] and DATA[1] pins.
5.9
USB Charger Detection Support
The following blocks allow the USB334x to detect when a Battery Charger, Charging Host Port, or a USB Host is
attached to the USB connector. The USB334x can also be configured to appear as a Charging Host Port, all according
to the USB-IF Battery Charging 1.2 specification. The charger detection circuitry should be disabled during USB oper-
ation.
FIGURE 5-9:
USB CHARGER DETECTION BLOCK DIAGRAM
Note:
The italic names in the Figure 5-9 correspond to bits in the ULPI register set.
VDAT_REF
DP
VDD33
M CHP PHY
To USB Con.
C hargerP ullupE nD P
en
DM
To USB Con.
C hargerP ullupEnD M
ID atS inkEn
HostChrgE n
V datD et
VD atSrcE n
IDAT_SINK
en
V DAT_SRC
C ontactD etectE n
IDP_SRC
en
D pP ulldow n
D m Pulldow n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com