Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 61 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 61 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 57Page - Microchip Technology USB3347CPTR Datasheet HTML 58Page - Microchip Technology USB3347CPTR Datasheet HTML 59Page - Microchip Technology USB3347CPTR Datasheet HTML 60Page - Microchip Technology USB3347CPTR Datasheet HTML 61Page - Microchip Technology USB3347CPTR Datasheet HTML 62Page - Microchip Technology USB3347CPTR Datasheet HTML 63Page - Microchip Technology USB3347CPTR Datasheet HTML 64Page - Microchip Technology USB3347CPTR Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 61
USB334x
6.7.2
USB AUDIO MODE (USB3341 and USB3346)
When the USB334x is powered in Synchronous Mode, the Audio switches can be enabled by asserting the SpkLeftEn,
or SpkRightEn bits in the Carkit Control register. After the register write is complete, the USB334x will immediately
enable or disable the audio switch. Then the Link can set the CarkitMode bit in the Interface Control register. The
SpkLeftEn, or SpkRightEn bits must be written before the CarkitMode bit.
After the CarkitMode bit is set, the ULPI interface will become redefined as described in Table 6-10.
6.8
RID Converter Operation
The RID converter is designed to read the value of the ID resistance to ground and report back its value through the
ULPI interface.
When a resistor to ground is applied to the ID pin the state of the IdGnd comparator will change from a 1 to a 0 as
described in Section 5.7.1, "ID Resistor Detection," on page 32. If the USB334x is in ULPI mode, an RXCMD will be
generated with bit 6 low. If the USB334x is in Low Power Mode (or one of the other non-ULPI modes), the DATA[3] inter-
rupt signal will go high.
After the USB334x has detected the change of state on the ID pin, the RID converter can be used to determine the value
of ID resistance. To start a ID resistance measurement, the RidConversionStart bit is set in the Vendor Rid Conversion
register.
The Link can use one of two methods to determine when the RID Conversion is complete. One method is polling the
RidConversionStart bit as described in Section 7.1.3.4, "Vendor Rid Conversion," on page 74. The preferred method is
to set the RidIntEn bit in the Vendor Rid Conversion register. When RidIntEn is set, an RXCMD will be generated after
the RID conversion is complete. As described in Table 6-3, the alt_int bit of the RXCMD will be set.
After the RID Conversion is complete, the Link can read RidValue from the Vendor Rid Conversion register.
6.8.1
HEADSET AUDIO MODE
This mode is designed to allow a user to view the status of several signals while using an analog Audio headset with a
USB connector. This mode is provided as an alternate mode to the CarKit Mode defined in Section 6.7, "Carkit Mode,"
on page 59. In the CarKit mode the Link is unable to view the source of the interrupt on ID. For the Link to view the
interrupt on ID the PHY must be returned to synchronous mode so the interrupt can be read. This will force the audio
switches to be deactivated during the PHY start-up which may glitch the audio signals. In addition the Link can not
change the resistance on the ID pin without starting up the PHY to access the ULPI registers.
The Headset Audio Mode is entered by writing to the Headset Audio Mode register, and allows the Link access to the
state of the VBUS and ID pins during audio without having to break the audio connection. The Headset Audio mode
also allows for the Link to change the resistance on the ID pin to change the audio device attached from mono to stereo.
TABLE 6-12:
ULPI REGISTER PROGRAMMING EXAMPLE TO ENTER AUDIO MODE
R/W
Address
(HEX)
Value
(HEX)
Description
Result
W
04
48
Configure Non-Driving mode
OpMode=01
W
19
30
Enable Audio connections
SpkrRightEn=1, SpkrLeftEn=1
W
07
04
Enable carkit mode
CarkitMode=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com