Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 8Page - Microchip Technology USB3347CPTR Datasheet HTML 9Page - Microchip Technology USB3347CPTR Datasheet HTML 10Page - Microchip Technology USB3347CPTR Datasheet HTML 11Page - Microchip Technology USB3347CPTR Datasheet HTML 12Page - Microchip Technology USB3347CPTR Datasheet HTML 13Page - Microchip Technology USB3347CPTR Datasheet HTML 14Page - Microchip Technology USB3347CPTR Datasheet HTML 15Page - Microchip Technology USB3347CPTR Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
USB334x
DS00002646A-page 12
 2009-2018 Microchip Technology Inc.
22
RESETB
Input,
CMOS,
Low
When low, the part is suspended and the 3.3V and
1.8V regulators are disabled. When high, the
USB334x will operate as a normal ULPI device, as
described in Section 5.6.2. The state of this pin may
be changed asynchronously to the clock signals.
When asserted for a minimum of 1 microsecond and
then de-asserted, the ULPI registers are reset to
their default state and all internal state machines are
reset.
23
VDD18
Power
N/A
1.8V Regulator Output. A 1.0uF (<1 ohm ESR)
bypass capacitor to ground is required for regulator
stability. The bypass capacitor should be placed as
close as possible to the USB334x.
24
STP
Input,
CMOS
High
The Link asserts STP for one clock cycle to stop the
data stream currently on the bus. If the Link is
sending data to the PHY, STP indicates the last byte
of data was on the bus in the previous cycle.
FLAG
GND
Ground
N/A
Ground.
TABLE 2-2:
USB3343 PIN DESCRIPTIONS (CONTINUED)
Pin
Name
Direction/
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com