Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 6Page - Microchip Technology USB3347CPTR Datasheet HTML 7Page - Microchip Technology USB3347CPTR Datasheet HTML 8Page - Microchip Technology USB3347CPTR Datasheet HTML 9Page - Microchip Technology USB3347CPTR Datasheet HTML 10Page - Microchip Technology USB3347CPTR Datasheet HTML 11Page - Microchip Technology USB3347CPTR Datasheet HTML 12Page - Microchip Technology USB3347CPTR Datasheet HTML 13Page - Microchip Technology USB3347CPTR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
USB334x
DS00002646A-page 10
 2009-2018 Microchip Technology Inc.
2.2
USB3343 Diagram and Pin Definitions
The illustration below is viewed from the top of the package.
The following table details the pin definitions for the figure above.
FIGURE 2-2:
USB3343 PIN LOCATIONS - TOP VIEW
TABLE 2-2:
USB3343 PIN DESCRIPTIONS
Pin
Name
Direction/
Type
Active
Level
Description
1DIR
Output,
CMOS
N/A
Controls the direction of the data bus. When the PHY
has data to transfer to the Link, it drives DIR high to
take ownership of the bus. When the PHY has no
data to transfer it drives DIR low and monitors the
bus for commands from the Link.
2CLKOUT
Output,
CMOS
N/A
ULPI Clock Out Mode:
60MHz ULPI clock output. All ULPI signals are
driven synchronous to the rising edge of this clock.
ULPI Clock In Mode:
Connect this pin to VDDIO to configure 60MHz ULPI
Clock IN mode as described in Section 5.5.1.
3NXT
Output,
CMOS
High
The PHY asserts NXT to throttle the data. When the
Link is sending data to the PHY, NXT indicates when
the current byte has been accepted by the PHY.
4DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[0] is the LSB.
5DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
VBUS
ID
VDD33
DM
DP
NXT
DIR
DATA0
DATA2
DATA1
VBAT
CLKOUT
1
2
3
4
5
6
18
17
16
15
14
13
24Pin QFN
4x4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com