Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 47 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 47 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 43Page - Microchip Technology USB3347CPTR Datasheet HTML 44Page - Microchip Technology USB3347CPTR Datasheet HTML 45Page - Microchip Technology USB3347CPTR Datasheet HTML 46Page - Microchip Technology USB3347CPTR Datasheet HTML 47Page - Microchip Technology USB3347CPTR Datasheet HTML 48Page - Microchip Technology USB3347CPTR Datasheet HTML 49Page - Microchip Technology USB3347CPTR Datasheet HTML 50Page - Microchip Technology USB3347CPTR Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 47
USB334x
6.2.3
ULPI REGISTER READ
A ULPI register read operation is given in Figure 6-5. The Link drives a TX CMD byte with DATA[7:6] = 11h for a register
read. DATA[5:0] of the ULPI TX command bye contain the register address.
At T0, the Link will place the TX CMD on the data bus. At T2, the PHY will bring NXT high, signaling the Link it is ready
to accept the data transfer. At T3, the PHY reads the TX CMD, determines it is a register read, and asserts DIR to gain
control of the bus. The PHY will also de-assert NXT. At T4, the bus ownership has transferred back to the PHY and the
PHY drives the requested register onto the data bus. At T5, the Link will read the data bus and the PHY will drop DIR
low returning control of the bus back to the Link. After the turn around cycle, the Link must drive a ULPI Idle command
at T6.
A ULPI extended register read operation is shown in Figure 6-6.To read an extended register, the Link writes the TX
CMD with the address set to 2Fh. At T2, the PHY will assert NXT, signaling the Link it is ready to accept the extended
address. At T3, the Link places the extended register address on the bus. At T4, the PHY reads the extended address,
and asserts DIR to gain control of the bus. The PHY will also de-assert NXT. At T5, the bus ownership has transferred
back to the PHY and the PHY drives the requested register onto the data bus. At T6, the Link will read the data bus and
the PHY will de-assert DIR returning control of the bus back to the Link. After the turn around cycle, the Link must drive
a ULPI Idle command at T6.
FIGURE 6-5:
ULPI REGISTER READ IN SYNCHRONOUS MODE
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
reg read
Idle
T0
Reg Data
Turn around
Turn around
T1
T2
T3
T4
T5
T6
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com