Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 33 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 29Page - Microchip Technology USB3347CPTR Datasheet HTML 30Page - Microchip Technology USB3347CPTR Datasheet HTML 31Page - Microchip Technology USB3347CPTR Datasheet HTML 32Page - Microchip Technology USB3347CPTR Datasheet HTML 33Page - Microchip Technology USB3347CPTR Datasheet HTML 34Page - Microchip Technology USB3347CPTR Datasheet HTML 35Page - Microchip Technology USB3347CPTR Datasheet HTML 36Page - Microchip Technology USB3347CPTR Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 33
USB334x
5.7.1.1
USB OTG Operation
The USB334x can detect ID grounded and ID floating to determine if an A or B cable has been inserted. The A plug will
ground the ID pin while the B plug will float the ID pin. These are the only two valid states allowed in the OTG Protocol.
To monitor the status of the ID pin, the Link activates the IdPullup bit in the OTG Control register, waits 50mS and then
reads the status of the IdGnd bit in the USB Interrupt Status register. If an A cable has been inserted the IdGnd bit will
read 0. If a B cable is inserted, the ID pin is floating and the IdGnd bit will read 1.
The USB334x provides an integrated weak pull-up resistor on the ID pin, RIDW. This resistor is present to keep the ID
pin in a known state when the IdPullup bit is disabled and the ID pin is floated. In addition to keeping the ID pin in a
known state, it enables the USB334x to generate an interrupt to inform the link when a cable with a resistor to ground
has been attached to the ID pin. The weak pull-up is small enough that the largest valid RID resistor pulls the ID pin low
and causes the IdGnd comparator to go low.
After the link has detected an ID pin state change, the RID converter can be used to determine the resistor value as
described in Section 5.7.1.2, "Measuring ID Resistance to Ground," on page 33.
5.7.1.2
Measuring ID Resistance to Ground
The Link can use the integrated resistance measurement capabilities of the USB334x to determine the value of an ID
resistance to ground. The following table details the valid values of resistance to ground that the USB334x can detect.
FIGURE 5-7:
USB334X ID RESISTOR DETECTION CIRCUITRY
IdPullup
IdGnd
Vref IdGnd
IdFloat
ID
OTG Module
VDD33
To USB Con.
RidValue
Vref IdFloat
IdGnd Rise or
IdGnd Fall
IdFloatRise or
IdFloatFall
Rid ADC
IdGndDrv
en
en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com