Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3347CPTR Datasheet(PDF) 43 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 39Page - Microchip Technology USB3347CPTR Datasheet HTML 40Page - Microchip Technology USB3347CPTR Datasheet HTML 41Page - Microchip Technology USB3347CPTR Datasheet HTML 42Page - Microchip Technology USB3347CPTR Datasheet HTML 43Page - Microchip Technology USB3347CPTR Datasheet HTML 44Page - Microchip Technology USB3347CPTR Datasheet HTML 45Page - Microchip Technology USB3347CPTR Datasheet HTML 46Page - Microchip Technology USB3347CPTR Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 43
USB334x
RxEndDelay maximum allowed by the UTMI+/ULPI for 8-bit data is 63 Hi-Speed clocks. USB334x uses a low latency
Hi-Speed receiver path to lower the RxEndDelay to 43 Hi-Speed clocks. This low latency design gives the Link more
cycles to make decisions and reduces the Link complexity. This is the result of the “wrapper less” architecture of the
USB334x. This low RxEndDelay should allow legacy UTMI Links to use a “wrapper” to convert the UTMI+ interface to
a ULPI interface.
In Figure 6-1, a single ULPI Protocol Block decodes the ULPI 8-bit bi-directional bus when the Link addresses the PHY.
The Link must use the DIR output to determine direction of the ULPI data bus. The USB334x is the “bus arbitrator”. The
ULPI Protocol Block will route data/commands to the transmitter or the ULPI register array.
6.1.1
ULPI INTERFACE SIGNALS
The UTMI+ Low Pin Interface (ULPI) uses a 12-pin interface to connect a USB Transceiver to an external Link. The
reduction of external pins, relative to UTMI+, is accomplished implementing the relatively static configuration pins (i.e.
xcvrselect[1:0], termselect, opmode[1:0], and DpPullDown DmPulldown) as an internal register array.
An 8-bit bi-directional data bus clocked at 60 MHz allows the Link to access this internal register array and transfer USB
packets to and from the PHY. The remaining 3 pins function to control the data flow and arbitrate the data bus.
Direction of the 8-bit data bus is controlled by the DIR output from the PHY. Another output, NXT, is used to control
data flow into and out of the device. Finally, STP, which is in input to the PHY, terminates transfers and is used to start
up and resume from Low Power Mode.
The ULPI Interface signals are described below in Table 6-1.
USB334x implements a Single Data Rate (SDR) ULPI interface with all data transfers happening on the rising edge of
the 60 MHz ULPI Clock while operating in Synchronous Mode. The direction of the data bus is determined by the state
of DIR. When DIR is high, the PHY is driving DATA[7:0]. When DIR is low, the Link is driving DATA[7:0].
Each time DIR changes, a “turn-around” cycle occurs where neither the Link nor PHY drive the data bus for one clock
cycle. During the “turn-around” cycle, the state of DATA[7:0] is unknown and the PHY will not read the data bus.
Because USB uses a bit-stuffing encoding, some means of allowing the PHY to throttle the USB transmit data is needed.
The ULPI signal NXT is used to request the next byte to be placed on the data bus by the Link.
The ULPI interface supports the two basic modes of operation: Synchronous Mode and Asynchronous Mode. Asynchro-
nous Mode includes Low Power Mode, the Serial Modes, and Carkit Mode. In Synchronous Mode, all signals change
synchronously with the 60 MHz ULPI clock. In asynchronous modes the clock is off and the ULPI bus is redefined to
bring out the signals required for that particular mode of operations. The description of synchronous Mode is described
TABLE 6-1:
ULPI INTERFACE SIGNALS
Signal
Direction
Description
CLK
I/O
60 MHz ULPI clock. All ULPI signals are driven synchronous to the rising edge of
this clock. This clock can be either driven by the PHY or the Link as described in
Section 5.5.1, "REFCLK Frequency Selection," on page 28.
DATA[7:0]
I/O
8-bit bi-directional data bus. Bus ownership is determined by DIR. The Link and
PHY initiate data transfers by driving a non-zero pattern onto the data bus. ULPI
defines interface timing for a single-edge data transfers with respect to rising edge
of the ULPI clock.
DIR
OUT
Controls the direction of the data bus. When the PHY has data to transfer to the
Link, it drives DIR high to take ownership of the bus. When the PHY has no data
to transfer it drives DIR low and monitors the bus for commands from the Link. The
PHY will pull DIR high whenever the interface cannot accept data from the Link,
such as during PLL start-up.
STP
IN
The Link asserts STP for one clock cycle to stop the data stream currently on the
bus. If the Link is sending data to the PHY, STP indicates the last byte of data was
on the bus in the previous cycle.
NXT
OUT
The PHY asserts NXT to throttle the data. When the Link is sending data to the
PHY, NXT indicates when the current byte has been accepted by the PHY. The
Link places the next byte on the data bus in the following clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com