Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 5 Page - STMicroelectronics

  ST33TPHF2ESPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
3
Pin and signal description
The two figures below give the pinouts of the two packages in which the devices are delivered. The table
describes the associated signals.
Figure 1. TSSOP28 pinout
TSSOP28
7
PP
8
GND
9
NiC
10
NiC
11
NiC
12
13
14
NiC
MISO
NiC
VPS
MOSI
SPI_CLK
1
2
3
4
5
6
NiC
NiC
NiC
GPI
NiC
NiC
NiC
NiC
22
21
20
19
18
17
16
15
28
27
26
25
24
23
NiC
NiC
NiC
NiC
NiC
NiC
SPI_CS
SPI_PIRQ
SPI_RST
Figure 2. VQFN32 pinout
VQFN32
1
NiC
2
GND
3
NiC
4
NiC
5
NiC
6
GPI
7
PP
8
NiC
32 31 30 29 28 27 26 25
MISO
NiC
VPS
MOSI
SPI_CS
SPI_CLK
SPI_PIRQ
SPI_RST
24
23
22
21
20
19
18
17
9 10 11 12 13 14 15 16
33
NiC
Table 1. Pin descriptions
Signal
Type
Description
VPS
Input
Power supply. This pin must be connected to 1.8 V or 3.3 V DC power rail supplied by the motherboard.
GND
Input
GND has to be connected to the main motherboard ground.
SPI_RST
Input
SPI Reset, active low, used to re-initialize the device. Must not be unconnected. External pull-up resistor
required if it cannot be driven.
MISO
Output SPI Master Input, Slave Output (output from slave)
MOSI
Input
SPI Master Output, Slave Input (output from master)
SPI_CLK
Input
SPI Serial Clock (output from master)
SPI_CS
Input
SPI Chip (or Slave) Select, internal pull-up (active low; output from master)
ST33TPHF2ESPI
Pin and signal description
DB2716 - Rev 4
page 5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com