Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
List of tables
Table 1.
Pin descriptions ..................................................................... 5
Table 2.
TSSOP28 - mechanical data ............................................................ 9
Table 3.
VFQFPN32 - mechanical data .......................................................... 11
Table 4.
Thermal characteristics............................................................... 13
Table 5.
Packages on tape and reel ............................................................ 14
Table 6.
Reel dimensions ................................................................... 14
Table 7.
Carrier tape dimensions for VFQFPN 5 × 5 mm .............................................. 15
Table 8.
Carrier tape constant dimensions for TSSOP 4.4 mm body width .................................. 16
Table 9.
Ordering information for ST33TPHF2ESPI products ........................................... 18
Table 10.
Firmware image overview for the ST33TPHF2ESPI products..................................... 19
Table 11.
Commercial product supporting the update with firmware image version 73.20 ........................ 19
Table 12.
Commercial product supporting the update with firmware image version 73.64 ........................ 19
Table 13.
List of abbreviations ................................................................. 21
Table 14.
Document revision history ............................................................. 22
ST33TPHF2ESPI
List of tables
DB2716 - Rev 4
page 24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com