Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
5.3
Thermal characteristics of packages
The table below provides the thermal characteristics of the TSSOP28 and VFQFPN32 packages.
Table 4. Thermal characteristics
Parameter
Symbol
Value
Recommended operating temperature range
Ambient temperature
TA
−40 to 105 °C
Case temperature
TC
-
Junction temperature
TJ
−43 to 108 °C
Absolute maximum junction temperature
-
125 °C
Maximum power dissipation
-
63 mW
Theta-JA, -JB and -JC
Junction to ambient thermal resistance
θJA
35.8 at 0 lfpm (1)
Junction to case thermal resistance
θJC
1.48 at 0 lfpm(1)
Junction to board thermal resistance
θJB
13.9 at 0 lfpm(1)
1. Linear feet per minute.
ST33TPHF2ESPI
Thermal characteristics of packages
DB2716 - Rev 4
page 13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com