Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 4 Page - STMicroelectronics

  ST33TPHF2ESPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2
Data brief scope
2.1
ST33TPHF2ESPI products
This document covers the functionality of the ST33TPHF2ESPI product family, the most recent of which has
firmware version 49.40 (73.64 in decimal) preloaded on ST TPM hardware with markings:
PEAHD0
The information to order the supporting platforms is provided in Section 8 Ordering information.
2.2
Firmware image
The firmware image version 49.40 can be loaded to the ST TPM hardware of the ST33TPHF2ESPI products,
identifiable by their firmware version, which is of the form 49.xx. The ordering codes of the products upgradable to
firmware version 49.40 are the following:
ST33HTPH2ExxAAF0 and ST33HTPH2ExxAAF1 (FW 49.00)
ST33HTPH2ExxAHB3 and ST33HTPH2ExxAHB4 (FW 49.04)
ST33HTPH2ExxAHC0 (FW 49.08)
See Section 9 Firmware image overview for an overview of the available firmware images.
ST33TPHF2ESPI
Data brief scope
DB2716 - Rev 4
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com