Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
4
Integration guidance
4.1
Typical hardware implementation
The Physical Presence (PP) pin should be connected if platform implementation (at boot level) uses a hardware
physical presence function.
The figure below shows the hardware implementation in the case of the TSSOP28 package. The same
implementation is also valid for the TSSOP28 and QFN32 packages.
Figure 3. Typical hardware implementation (TSSOP28 package)
VPS
24
MOSI
23
SPI_CS
22
SPI_CLK
21
SPI_PIRQ
20
NC
19
NC
18
NC
17
SPI_RST
16
NC
15
NC
14
NC
13
GND
4
NC
5
NC
11
NC
12
NC
10
NC
9
NC
8
PP
7
GPI
6
NC
3
NC
2
NC
1
NC
25
MISO
26
NC
27
NC
28
VPS
100 nF
10 µF
GND
MISO
MOSI
SPI_CS
SPI_CLK
SPI_PIRQ
SPI_RST
PP (opt)
GPI (opt)
10 kΩ
(optional)
VPS
ST33TPHF2ESPI
Integration guidance
DB2716 - Rev 4
page 7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com