Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 3 Page - STMicroelectronics

  ST33TPHF2ESPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
Description
The STSAFE-TPM (trusted platform module) family of products offers a broad portfolio of standardized solutions
for embedded, PC, mobile and computing applications. STSAFE is an ST trademark.
It includes turnkey products compliant with the Trusted Computing Group (TCG) standards that provide services
to protect the confidentiality, integrity and authenticity of information and devices.
These devices are easy to integrate thanks to the variety of supported interfaces and the availability of TPM
ecosystem software solutions.
The STSAFE-TPM devices are all Common Criteria (EAL4+) and FIPS certified.
They embed an Arm® SecurCore SC300™ processor with additional security features to help protect against
advanced forms of attack.
The ST33TPHF2ESPI offers a slave serial peripheral interface (SPI) compliant with the TCG PC Client TPM
Profile specifications.
The ST33TPHF2ESPI supports two exclusive modes that support either TPM 1.2 or TPM 2.0 commands. The
product can be locked irreversibly in TPM 1.2 or TPM 2.0 mode during provisioning, or only after provisioning to
provide a smooth migration between TPM 1.2 and TPM 2.0.
The ST33TPHF2ESPI operates in the –25 to +85 °C commercial temperature range with a supply and I/O voltage
of 1.8 V, or in the –40 °C to 105 °C extended temperature range with a supply and I/O voltage of 3.3 V.
The device is offered in TSSOP28 and VFQFPN32 ECOPACK2 packages. ECOPACK is an ST trademark.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
ST33TPHF2ESPI
Description
DB2716 - Rev 4
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com