Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Symbol
millimeters
inches (1)
Min.
Typ.
Max.
Min.
Typ.
Max.
k
0°
-
8°
0°
-
8°
aaa
-
-
0.100
-
-
0.0039
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Figure 6. TSSOP28 - recommended footprint
4.4
6.4
0.3
0.65
1.0
8.75
1
14
28
15
1.
All dimensions are in millimeters.
ST33TPHF2ESPI
TSSOP28 package information
DB2716 - Rev 4
page 10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com