Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Signal
Type
Description
SPI_PIRQ Output SPI IRQ, active low, open drain, used by TPM to generate an interrupt
PP
Input
Physical Presence, active high, internal pull-down. Used to indicate Physical Presence.
GPI
Input
Used for activation and deactivation of the TPM Standby mode (
TPMLowPowerByGPIO). If this feature
is not used, connect an external pull-up resistor (10 kΩ) to this pad.
NiC
-
Not internally connected: not connected to the die. May be left unconnected but no impact on TPM if
connected.
Note:
The VQFN32 package has a central pad (PIN33) on the bottom, which is not connected to the die. This pin does
not impact the TPM, be it connected or not.
ST33TPHF2ESPI
Pin and signal description
DB2716 - Rev 4
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com