Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
5.2
VFQFPN32 package information
VFQFPN32 is a 32-lead, 5 × 5 mm, 0.5 mm pitch, very thin fine pitch quad flat pack no-lead package.
Figure 7. VFQFPN32 - outline
Seating plane
ddd
C
C
A3
A1
A
D
e
9
16
17
24
32
Pin # 1 ID
R = 0.30
8
E
L
L
D2
1
b
E2
Bottom view
1.
Drawing is not to scale.
Table 3. VFQFPN32 - mechanical data
Symbol
millimeters
inches (1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
A3
-
0.200
-
-
0.0079
-
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
D
4.850
5.000
5.150
0.1909
0.1969
0.2028
D2
3.500
3.600
3.700
0.1378
0.1417
0.1457
ST33TPHF2ESPI
VFQFPN32 package information
DB2716 - Rev 4
page 11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com