Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Revision history
Table 14. Document revision history
Date
Version
Changes
12-Nov-2015
1
Initial release.
26-Apr-2018
2
In Features, updated:
•
TPM features.
•
Temperature range.
•
Updated CC and FIPS certification status.
•
Supported cryptographic algorithms
•
Product compliance
Updated Appendix B: Referenced documents and references in the data brief.
Updated Section 1.1: Security certifications.
Added Section 2: Data brief scope.
Updated Section 3: Pin and signal description.
Added Section 4: Integration guidance.
Added Section 9: Ordering information.
Updated document reference to DB2716.
Small text changes.
04-Jul-2019
3
Added STSAFE-TPM logo on cover page.
Updated Product compliance.
Reorganized Section 1 Description.
Updated Section 2.1 ST33TPHF2ESPI products and Section 2.2 Firmware
image.
Updated product marking. See:
•
Section 2.1 ST33TPHF2ESPI products
•
Section 7 Package marking information
•
Section 8 Ordering information
Updated Figure 6. TSSOP28 - recommended footprint.
Added Section 5.3 Thermal characteristics of packages.
Removed list of references.
Small text changes.
12-Nov-2019
4
Updated data brief for firmware version 49.40 (73.64 in decimal):
•
Updated Section 2.1 ST33TPHF2ESPI products.
•
Updated Section 2.2 Firmware image.
•
Updated descriptions of SPI_RST and GPI in Section 3 Pin and signal
description.
•
Added optional external pull-up resistor to GPI line in Figure 3. Typical
hardware implementation (TSSOP28 package).
•
Added θJC and θJB values to Table 4. Thermal characteristics.
•
Updated Figure 14. TSSOP28 device package marking area.
•
Updated Table 9. Ordering information for ST33TPHF2ESPI products.
•
Added Section 9 Firmware image overview.
Small text changes.
ST33TPHF2ESPI
DB2716 - Rev 4
page 22/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com