Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Figure 12. Embossed carrier tape for TSSOP28 4.4 mm body width
W
T
K
Bo
D
P2
Po
B1
Ao
Bo
P
F
E
D1
User direction of feed
Ko
Top
Cover
Tape
1.
Drawing is not to scale.
Figure 13. Chip orientation in the embossed carrier tape for TSSOP28 4.4 mm body width
Typical
User direction of feed
Table 8. Carrier tape constant dimensions for TSSOP 4.4 mm body width
Tape size
Ao, Bo, Ko (1)
D
E
Po
T Max.
Unit
16 mm
See note.
1.5 +0.1 / −0
1.75 ±0.1
4 ±0.1
0.4
mm
1. Ao, Bo, Ko, are determined by components sizes. The clearance between the component and the cavity
must be within 0.05 mm (Min.) to 0.90 mm (Max.)
ST33TPHF2ESPI
Delivery packing
DB2716 - Rev 4
page 16/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com