Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
6
Delivery packing
Surface-mount packages can be supplied with tape and reel packing. The reels have a 13" typical diameter.
Reels are in plastic, either anti-static or conductive, with a black conductive cavity tape. The cover tape is
transparent anti-static or conductive.
The devices are positioned in the cavities with the identifying pin (normally Pin “1”) on the same side as the
sprocket holes in the tape.
The STMicroelectronics tape and reel specifications are compliant to the EIA 481-A standard specification.
Table 5. Packages on tape and reel
Package
Description
Tape width
Tape pitch
Reel diameter
Quantity per reel
TSSOP 28
Thin shrink small outline package
16 mm
8 mm
13 in.
2500
VFQFPN 32
Very thin fine pitch quad flat pack no-lead package
12 mm
8 mm
13 in.
3000
Figure 9. Reel diagram
A
D
B
C
N
T
G
Table 6. Reel dimensions
Reel size
Tape width
A Max.
B Min.
C
D Min.
G Max.
N Min.
T Max.
Unit
13”
16
330
1.5
13 ±0.2
20.2
16.4 +2/–0
100
22.4
mm
12
12.6
18.4
ST33TPHF2ESPI
Delivery packing
DB2716 - Rev 4
page 14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com