Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 1 Page - STMicroelectronics

  ST33TPHF2ESPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VFQFPN32
(5 × 5 mm)
TSSOP28
(9.7 × 6.4 mm,
4.4 mm body width)
Features
TPM features
Flash-memory-based Trusted Platform Module (TPM)
Supporting two modes exclusively with either the TPM 1.2 or the TPM 2.0
command set
Supporting dynamic switch from one mode to another and capability to lock one
mode irreversibly
For TPM 1.2, compliant with Trusted Computing Group (TCG) Trusted Platform
Module (TPM) Main specifications 1.2, Level 2, Revision 116 and TCG PC Client
Specific TPM Interface Specifications 1.3
For TPM 2.0, compliant with Trusted Computing Group (TCG) Trusted Platform
Module (TPM) Library specifications 2.0, Level 0, Revision 138 and TCG PC
Client Specific TPM Platform Specifications 1.03
TPM firmware code can be upgraded thanks to a persistent Flash-memory
loader application to support new standard evolutions
Common Criteria (CC) certification according to the TPM 1.2 and TPM 2.0
protection profiles at EAL4+
FIPS 140-2 level 1 certification for both modes and level 2 for mode TPM2.0
SPI support for up to 33 MHz in FIFO and CRB protocol modes
Support for software and hardware physical presence for TPM 1.2 and TPM 2.0
Hardware features
Arm® SecurCore® SC300™ 32-bit RISC core
Highly reliable Flash memory technology
Extended temperature range: −40 °C to 105 °C
ESD (electrostatic discharge) protection up to 4 kV (HBM)
1.8 V or 3.3 V supply voltage range
28-lead thin shrink small outline and 32-lead very thin fine pitch quad flat pack
ECOPACK packages
Security features
Active shield and environmental sensors
Memory protection unit (MPU) used to segregate TPM assets between TPM 1.2
and TPM 2.0 modes
Monitoring of environmental parameters (power)
Hardware and software protection against fault injection
FIPS compliant RNG built on an SP800-90A compliant SHA256 DRBG and an
AIS-31 Class PTG2 compliant true random number generator (TRNG)
Cryptographic algorithms:
RSA key generation (1024 or 2048 bits)
RSA signature and encryption
HMAC SHA-1 & SHA-256
AES-128-192-256
ECC 224 & 256 bits
Product status link
ST33TPHF2ESPI
STSAFE-TPM
Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI
interface
ST33TPHF2ESPI
Data brief
DB2716 - Rev 4 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST33TPHF2ESPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33TPHF20I2C STMICROELECTRONICS-ST33TPHF20I2C Datasheet
1Mb / 47P
Trusted Platform Module
02-02
ST33TPHF20SPI STMICROELECTRONICS-ST33TPHF20SPI Datasheet
1Mb / 47P
Trusted Platform Module
02-02
ST33TPHF2XI2C STMICROELECTRONICS-ST33TPHF2XI2C Datasheet
589Kb / 30P
STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
20-Dec-2022
ST33TPHF2XSPI STMICROELECTRONICS-ST33TPHF2XSPI Datasheet
670Kb / 35P
STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
20-Dec-2022
More results

Similar Description - ST33TPHF2ESPI

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB208 AXIOMTEK-IMB208 Datasheet
216Kb / 1P
TPM 1.2 supported
MANO831 AXIOMTEK-MANO831 Datasheet
274Kb / 1P
TPM 1.2 supported
SBC86860 AXIOMTEK-SBC86860 Datasheet
190Kb / 1P
TPM 1.2 trusted platform
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
supports tpm
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
tpm support
logo
Microchip Technology
ATTPM20P MICROCHIP-ATTPM20P Datasheet
442Kb / 22P
Trusted Platform Module (TPM) 2.0 - SPI Interface
2018
logo
Infineon Technologies A...
SLB9660TPM1.2 INFINEON-SLB9660TPM1.2 Datasheet
487Kb / 23P
OPTIGA™ TPM
Revision 1.2 2018-09-21
logo
Advantech Co., Ltd.
PCM-2300TM ADVANTECH-PCM-2300TM Datasheet
190Kb / 1P
TPM compliant with TCG 1.2 via LPC
27-Jul-2016
logo
STMicroelectronics
ST33TPHF2XI2C STMICROELECTRONICS-ST33TPHF2XI2C Datasheet
589Kb / 30P
STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
20-Dec-2022
ST33TPHF2XSPI STMICROELECTRONICS-ST33TPHF2XSPI Datasheet
670Kb / 35P
STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
20-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com