Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2ESPI Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
8
Ordering information
Table 9. Ordering information for ST33TPHF2ESPI products
Ordering code
Default TPM libraryTPM 2.0
library revision & firmware
version
Operating
temperature
range (1)
Maximum
SPI clock
frequency
Package
Marking
area A
Product status
ST33HTPH2E28AHD0 TPM 2.0 active Rev 1.38
0x00 0x49 0x00 0x40
−40 °C to
+105 °C
33 MHz
TSSOP28
PEAHD0
Active
ST33HTPH2E32AHD0
VQFN32
ST33HTPH2E28AHC0 TPM 2.0 active Rev 1.38
0x00 0x49 0x00 0x08
−40 °C to
+105 °C
33 MHz
TSSOP28
PEAHC0
NRND (not
recommended for new
design)
ST33HTPH2E32AHC0
VQFN32
ST33HTPH2E28AAF0 TPM 1.2 active Rev 1.16
0x01 0x02 0x49 0x00
−40 °C to
+105 °C
33 MHz
TSSOP28
P68HAAF0
NRND (not
recommended for new
design)
ST33HTPH2E32AAF0
VQFN32
ST33HTPH2E28AAF1 TPM 2.0 activeRev 1.16
0x00 0x49 0x00 0x00
−40 °C to
+105 °C
33 MHz
TSSOP28
P68HAAF1
NRND (not
recommended for new
design)
ST33HTPH2E32AAF1
VQFN32
ST33HTPH2E28AHB3 TPM 1.2 active Rev 1.16
0x01 0x02 0x49 0x04
−40 °C to
+105 °C
33 MHz
TSSOP28
P68HAHB3
NRND (not
recommended for new
design)
ST33HTPH2E32AHB3
VQFN32
ST33HTPH2E28AHB4 TPM 2.0 active Rev 1.16
0x00 0x49 0x00 0x04
−40 °C to
+105 °C
33 MHz
TSSOP28
P68HAHB4
NRND (not
recommended for new
design)
ST33HTPH2E32AHB4
VQFN32
1. Refer to Section 1 Description for the operating voltages associated with the different operating
temperature ranges.
ST33TPHF2ESPI
Ordering information
DB2716 - Rev 4
page 18/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com