Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 32 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 32 Page - Micronas

Back Button MAS3504D Datasheet HTML 28Page - Micronas MAS3504D Datasheet HTML 29Page - Micronas MAS3504D Datasheet HTML 30Page - Micronas MAS3504D Datasheet HTML 31Page - Micronas MAS3504D Datasheet HTML 32Page - Micronas MAS3504D Datasheet HTML 33Page - Micronas MAS3504D Datasheet HTML 34Page - Micronas MAS3504D Datasheet HTML 35Page - Micronas MAS3504D Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
MAS 3504D
32
Micronas
4.2.4.3.2. I2S Bus Characteristics – SDI
at TA = −30 to 85 °C, VSUP = 3.0 to 3.6 V, typ. values at TA =27 °C, VSUP = 3.3 V, CLKF = 18.432 MHz,
duty cycle = 50%
Fig. 4–15: Serial input
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
Test Conditions
tSICLK
I2S Clock Input Period
SIC
960
ns
tSIIDS
I2S Data SetupTime before
Falling Edge of Clock
SIC,
SID
50
tSICLK-
100
ns
tSIIDH
I2S Data Hold Time
SID
50
ns
tbw
Burst Wait Time
SIC,
SID
480
H
L
H
L
H
L
TSICLK
TSIIDH
TSIIDS
SIC
SII
SID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com