Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 37 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 37 Page - Micronas

Back Button MAS3504D Datasheet HTML 32Page - Micronas MAS3504D Datasheet HTML 33Page - Micronas MAS3504D Datasheet HTML 34Page - Micronas MAS3504D Datasheet HTML 35Page - Micronas MAS3504D Datasheet HTML 36Page - Micronas MAS3504D Datasheet HTML 37Page - Micronas MAS3504D Datasheet HTML 38Page - Micronas MAS3504D Datasheet HTML 39Page - Micronas MAS3504D Datasheet HTML 40Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
MAS 3504D
Micronas
37
Fig. 4–18: Output Voltage vs. Input Voltage
Fig. 4–19: Output Voltage vs. Load Current
1.5
2
2.5
3
3.5
Input Voltage (V)
2.6
2.8
3
3.2
3.4
3.6
Output Voltage vs. Input Voltage
Iload=250mA
0.9
1.4
1.9
2.4
2.9
Input Voltage (V)
2
2.2
2.4
2.6
2.8
3
3.2
Output Voltage vs. Input Voltage
Iload=50mA
3.5 V
3.1 V
2.7 V
3.1 V
2.2 V
2.7 V
0
0.1
0.2
0.3
Load Current (A)
2.6
2.8
3
3.2
3.4
3.6
Output Voltage
vs. Load Current
0
0.02
0.04
0.06
0.08
Load Current (A)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
Output Voltage
vs. Load Current
Vin=3V, 2.4V, 1.8V
Vin=2.4V
Vin=1.5V, 0.9V
Vin=1.5V, 0.9V
Vin
Vin
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com