Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 34 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 34 Page - Micronas

Back Button MAS3504D Datasheet HTML 30Page - Micronas MAS3504D Datasheet HTML 31Page - Micronas MAS3504D Datasheet HTML 32Page - Micronas MAS3504D Datasheet HTML 33Page - Micronas MAS3504D Datasheet HTML 34Page - Micronas MAS3504D Datasheet HTML 35Page - Micronas MAS3504D Datasheet HTML 36Page - Micronas MAS3504D Datasheet HTML 37Page - Micronas MAS3504D Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
MAS 3504D
34
Micronas
4.2.4.4. DC/DC Converter Characteristics
at TA = −30 to 85 °C, VSUP = 3.0 V, CLKF = 14.725 MHz, fsw = 230 kHz, typ. values at TA =+27 °C
Unless otherwise noted: VOUT = 3.0 V, VIN = 1.2 V
Note: The following characterizations were made with voltage and clock input that is not usable for G.729 applica-
tions.
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIN1
Minimum start-up input voltage
1)
0.9
1.1
V
ILOAD =0 mA
DCCF = 08000hex
(Reset)
VIN2
Minimum operating input
voltage
1)
0.6
0.9
V
ILOAD =55mA,
DCCF = 08000hex
(Reset)
1.3
1.8
V
ILOAD =250 mA,
DCCF = 08000hex
(Reset)
VOUT
Output voltage range
Bits 16..14, Bit 9 of DCCF
Register [hex]:
1C000
18000
14000
10000
0C000
08000
04000
00000
1C200
18200
14200
10200
0C200
08200
04200
00200
VSENS
3.567
3.460
3.354
3.248
3.144
3.039
2.935
2.831
2.729
2.625
2.524
2.422
2.321
2.219
2.118
2.017
VVIN =1.2 V
ILOAD =50mA
VOTOL
Output voltage tolerance
VSENS
−3.6
3.6
%
ILOAD =50mA
Tj =27 °C
VIN =1.2 V
ILOAD1
Output current
VSENS
150
mA
VIN = 0.9..1.5 V
ILOAD2
250
mA
VIN = 1.8..3.0 V
dVOUT/dVIN/
VOUT
Line regulation
VSENS
0.35
%/V
ILOAD =50mA
dVOUT/dVIN/
VOUT
Line regulation
VSENS
0.7
%/V
ILOAD =250 mA,
VOUT =3.5 V,
VIN =2.4 V
dVOUT/VOUT
Load regulation
VSENS
−0.5
%
ILOAD = 50...150 mA,
dVOUT/VOUT
Load regulation
VSENS
−0.5
%
ILOAD = 50..250 mA,
VOUT =3.5 V,
VIN =2.4 V
1) All measurements are made with a C8 R/4L 20
µH, 25 mΩ ferrite ring-core coil, Zetex ZLMCS1000 Schottky
diode, and Sanyo/Oscon 6SA330M 330
µF, 25 mΩ ESR capacitors at input and output (see Section 4.2.4. on
page 28).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com