Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 13 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 13 Page - Micronas

Back Button MAS3504D Datasheet HTML 9Page - Micronas MAS3504D Datasheet HTML 10Page - Micronas MAS3504D Datasheet HTML 11Page - Micronas MAS3504D Datasheet HTML 12Page - Micronas MAS3504D Datasheet HTML 13Page - Micronas MAS3504D Datasheet HTML 14Page - Micronas MAS3504D Datasheet HTML 15Page - Micronas MAS3504D Datasheet HTML 16Page - Micronas MAS3504D Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
MAS 3504D
Micronas
13
3.2. Command Structure
The I2C control of the MAS 3504D is done completely
via the I2C data register by using a special command
syntax.
The
commands
are
executed
by
the
MAS 3504D during its normal operation without any
loss or interruption of the incoming data or outgoing
audio data stream. These I2C commands allow the
controller to access internal states, RAM contents,
internal hardware control registers, and to download
software modules. The command structure allows
sophisticated control of the MAS 3504D. The registers
of the MAS 3504D are either general purpose, e.g. for
program flow control, or specialized registers that
directly affect hardware blocks. The unrestricted
access to these registers allows the system controller
to overrule the firmware configuration.
The MAS 3504D firmware scans the I2C interface peri-
odically and checks for pending or new commands.
Table 3–4 on page 13 shows the basic controller com-
mands that are available by the MAS 3504D.
3.2.1. Conventions for the Command Description
The description of the various controller commands
uses the following formalism:
– A data value is split into 4-bit nibbles which are
numbered beginning with 0 for the least significant
nibble.
– Data values in nibbles are always shown in hexa-
decimal notation indicated by a preceding $.
– A hexadecimal 20-bit number d is written, e.g. as
d = $17C63, its five nibbles are
d0 = $3, d1 = $6, d2 = $C, d3 = $7, and d4 = $1.
– Abbreviations used in the following descriptions:
a
address
d
data value
n
count value
o
offset value
r
register number
x
don’t care
– Variables used in the following descriptions:
dev_write
$3A
dev_read
$3B
data_write
$68
data_read
$69
Table 3–4: Basic Controller Commands
Code
[hex]
Command
Comment
0
1
run
Start execution of an internal program. (Run 0 means freeze operating sys-
tem.)
9
write register
An internal register of the MAS 3504D can be written directly to by the con-
troller.
A
B
write to memory
A block of the DSP memory can be written to by the controller. This feature
may be used to download alternate programs.
D
read register
The controller can read an internal register of the MAS 3504D.
E
F
read memory
A block of the DSP memory can be read by the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com