Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 35 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 35 Page - Micronas

Back Button MAS3504D Datasheet HTML 31Page - Micronas MAS3504D Datasheet HTML 32Page - Micronas MAS3504D Datasheet HTML 33Page - Micronas MAS3504D Datasheet HTML 34Page - Micronas MAS3504D Datasheet HTML 35Page - Micronas MAS3504D Datasheet HTML 36Page - Micronas MAS3504D Datasheet HTML 37Page - Micronas MAS3504D Datasheet HTML 38Page - Micronas MAS3504D Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
MAS 3504D
Micronas
35
hmax
Maximum efficiency
90
%
VIN =3.0 V,
VOUT =3.5 V
ISUPPLY
Supply current
VSENS
1.1
5
mA
VIN = 3.0 V, ILOAD =0,
includ. switch current
IL,MAX
Inductor current limit
DCSO,
DCSG
1.0
1.4
A
RON
Switch on-resistance
DCSO,
DCSG
0.4
Ω
ILEAK
Switch leakage current
DCSO,
DCSG
0.1
1
µAT
j =27 °C,
converter = off,
ILOAD =0 µA
fSW
Switch frequency
DCSO,
DCSG
156
230
460
kHz
Depending on DCCF
tSTART
Start up time asserting to PUP
DCEN,
PUP
8ms
VIN =1.0 V,
ILOAD =1 mA,
PUPLIM = 010 (Reset)
fSTARTUP
VSENSE
DCSO
250
kHz
VSENS < 1.9 V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com