Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 9 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 9 Page - Micronas

Back Button MAS3504D Datasheet HTML 5Page - Micronas MAS3504D Datasheet HTML 6Page - Micronas MAS3504D Datasheet HTML 7Page - Micronas MAS3504D Datasheet HTML 8Page - Micronas MAS3504D Datasheet HTML 9Page - Micronas MAS3504D Datasheet HTML 10Page - Micronas MAS3504D Datasheet HTML 11Page - Micronas MAS3504D Datasheet HTML 12Page - Micronas MAS3504D Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
MAS 3504D
Micronas
9
2.6.3. Parallel Data Input
In decoding mode, PIO lines PI12...PI19 are switched
to the MAS 3504D data input which hence will be an 8-
bit parallel input port with MSB first (at position PI19)
for the G.729 bit stream data. In order to write data to
this parallel port, a special handshake protocol has to
be used by the controller (see Fig. 2–4).
2.6.3.1. DMA Handshake Protocol
The data transfer can be started after the EOD pin of
the MAS 3504D is set to high. After verifying this, the
controller indicates the transmission of data by activat-
ing the PR line. The MAS 3504D responds by setting
the RTR line to the low level. The MAS 3504D reads
the data PI[19:12] after the rising edge of the PR. The
next data word write operation will again be initialized
by setting the PR line via the controller. Please refer to
Figure 2–4 and Table 2–2 for the exact timing.
Fig. 2–4: Handshake protocol for writing G.729 data to the PIO-DMA
Table 2–1: PIO Output Mode Timing1)
Symbol
Pin Name
Min.
Max.
Unit
t0
RTW, PCS
0.010
1800
µs
t1
PCS
0.330
µs
t2
PCS, RTW
0.010
µs
t3
RTW
0.330
10000
µs
t4
PI
0.330
µs
t5
PI
0.081
µs
1) see Figure 2–3
EOD
PR
RTR
PI[19:12]
high
low
high
low
high
low
high
low
tst
trpr
trtrq
tset t
h
tr
tpr
tpd
teodq
teod
Byte 15
Byte 1
MAS 3504D latches the PIO DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com