Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 16 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 16 Page - Micronas

Back Button MAS3504D Datasheet HTML 12Page - Micronas MAS3504D Datasheet HTML 13Page - Micronas MAS3504D Datasheet HTML 14Page - Micronas MAS3504D Datasheet HTML 15Page - Micronas MAS3504D Datasheet HTML 16Page - Micronas MAS3504D Datasheet HTML 17Page - Micronas MAS3504D Datasheet HTML 18Page - Micronas MAS3504D Datasheet HTML 19Page - Micronas MAS3504D Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MAS 3504D
16
Micronas
3.4. Version Number
Table 3–5 shows where the chip identification and the
name of the software is located.
3.5. Register Table
In Table 3–6, the internal registers for controlling the
MAS 3504D are listed. They are accessible by ‘regis-
ter read/write’ I2C commands (see Section 3.3. on
page 14). For a more detailed register usage (see
Table 3–8 on page 19).
Important note! Writing into undocumented registers
or read-only registers is always possible, but it is highly
recommended not to do so. It may damage the func-
tion of the firmware and may even lead to a complete
system crash of the decoder operation which can only
be restored by a reset.
3.5.1. DC/DC Converter (Reg. 8Ehex)
The DCCF Register controls both, the internal voltage
monitor and the DC/DC converter. Between output
voltage of the DC/DC converter and the internal volt-
age monitor threshold an offset exists which is shown
in Table 3–8 on page 19. Please pay attention to the
fact, that I2C protocol is working only if the processor
works (WSEN = 1).However, the setting for the DCCF
register will remain active if the DCEN and WSEN lines
are deasserted.
The DC/DC converter may generate interference noise
that could be unacceptable for some applications.
Thus the oscillator frequency may be adjusted in 32
steps in order to allow the system controller to select a
base frequency that does not interfere with an other
application.
The CLKI input provides the base clock fCLKI for the
frequency divider whose output is made symmetrical
with an additional divider by two. The divider quotient
is determined by the content of the DCCF register.
This register allows 32 settings generating a DC/DC
converter clock frequency fdc between:
(EQ 1)
3.5.2. User Control (Reg. FDhex)
The UserControl register is used to switch between
basic operation modes. On startup, after a software
reset or a “run 1” command it is set to 0hex. The
MAS 3504D sets the control registers to default val-
ues, switches off all interfaces (except I2C) and waits
for a change in UserControl.
Table 3–5: MAS 3504D Version
Addr.
[hex]
Content
Example Value
D1:FF6
name of
MAS 3504D
version
0x03504
3504
D1:FF9
description:
“G.729a CODEC”
0x0472e
G.
D1:FFA
0x03732
72
D1:FFB
0x03961
9A
D1:FFC
0x02043
C
D1:FFD
0x04f44
OD
D1:FFE
0x04543
EC
D1:FFF
0x02020
f
SW
f
CLKI
2
m
n
+
()
⋅
-------------------------
=
n
015
{,
} m
32 16
{,
}
∈
,
∈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com