Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 24 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 24 Page - Micronas

Back Button MAS3504D Datasheet HTML 20Page - Micronas MAS3504D Datasheet HTML 21Page - Micronas MAS3504D Datasheet HTML 22Page - Micronas MAS3504D Datasheet HTML 23Page - Micronas MAS3504D Datasheet HTML 24Page - Micronas MAS3504D Datasheet HTML 25Page - Micronas MAS3504D Datasheet HTML 26Page - Micronas MAS3504D Datasheet HTML 27Page - Micronas MAS3504D Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MAS 3504D
24
Micronas
27
E7
PI8
IN
LV
Not used
28
D7
XVDD
SUPPLY
X
Positive Supply of Output Buffers
29
C6
XVSS
SUPPLY
X
Ground of Output Buffers
30
C7
SID
(PI7)
IN
VSS
Serial Input Data
31
B6
SII
(PI6)
IN
VSS
Serial Input Frame Identification
32
B7
SIC
(PI5)
IN
VSS
Serial Input Clock
33
A7
PI4
IN
LV
Not used
34
B5
PI3
IN
LV
Not used
35
A6
PI2
IN
LV
Not used
36
B4
PI1
IN
LV
Not used
37
A5
PI0
IN
LV
Not used
38
C4
CLKO
OUT
LV
Not used
39
A4
PUP
OUT
LV
Power Up (status of voltage supervision)
40
B3
WSEN
IN
X
Enable DSP and Start DC/DC Converter
41
A3
WRDY
OUT
LV
If WSEN = 0: valid clock input at CLKI
If WSEN = 1: clock synthesizer PLL
locked
42
B2
AVDD
SUPPLY
VDD
Supply for Analog Circuits
43
A2
CLKI
IN
X
Clock Input
44
A1
AVSS
SUPPLY
VSS
Ground Supply for Analog Circuits
Pin No.
Pin Name
Type
Connection
Short Description
PMQFP
44-pin
LFBGA
49-ball
Test Alias in ()
(If not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com