Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 25 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 25 Page - Micronas

Back Button MAS3504D Datasheet HTML 21Page - Micronas MAS3504D Datasheet HTML 22Page - Micronas MAS3504D Datasheet HTML 23Page - Micronas MAS3504D Datasheet HTML 24Page - Micronas MAS3504D Datasheet HTML 25Page - Micronas MAS3504D Datasheet HTML 26Page - Micronas MAS3504D Datasheet HTML 27Page - Micronas MAS3504D Datasheet HTML 28Page - Micronas MAS3504D Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
MAS 3504D
Micronas
25
4.2.1. Pin Descriptions
4.2.1.1. Power Supply Pins
Connection of all power supply pins is mandatory for
the function of the MAS 3504D.
VDD
SUPPLY
VSS
SUPPLY
The VDD/VSS pair is internally connected with all digi-
tal modules of the MAS 3504D.
XVDD
SUPPLY
XVSS
SUPPLY
The XVDD/XVSS pins are internally connected with
the pin output buffers.
AVDD
SUPPLY
AVSS
SUPPLY
The AVDD/AVSS pair is connected internally with the
analog blocks of the MAS 3504D, i.e. clock synthe-
sizer and supply voltage supervision circuits.
4.2.1.2. DC/DC Converter Pins
DCEN
IN
The DCEN input signal enables the DC/DC converter
operation.
DCSG
SUPPLY
The ‘DC converter Signal Ground’ pin is used as a
basepoint for the internal switching transistor of the
DC/DC converter. It must always be connected to
ground.
DCSO
OUT
DCSO is an open drain output and should be con-
nected with external circuitry (inductor/diode) to start
the DC/DC converter. When the DC/DC converter is
not used, it has to be connected to VSS.
VSENS
IN
The VSENS pin is the input for the DC/DC converter
feedback loop. It must be connected directly with the
Schottky diode and the capacitor as shown in Fig. 2–1
on page 7.
When the DC/DC converter is not used, it has to be
connected to VDD.
4.2.1.3. Control Lines
I2CC
SCL
IN/OUT
I2CD
SDA
IN/OUT
Standard I2C control lines. Normally there are Pull-up-
resistors tied from each line to VDD.
4.2.1.4. Parallel Interface Lines
4.2.1.4.1. PIO Handshake Lines
’PIO handshake lines’ are used in operation mode.
PIO-DMA mode is used in input mode and
µP mode in
output mode.
PCS
IN
The ’PIO chip select’ is driven from microcontroller to
activate data output from MAS 3504D to the bus. Data
is output to the bus on the falling edge of PCS and is
removed on the rising edge of PCS.
PR
IN
The ’PIO request’ must be set to ‘1’ to validate data
output from MAS 3504D.
RTR
OUT
‘Ready to read’ is driven from the MAS 3504D in PIO/
DMA input mode.
RTW
OUT
‘Ready to write’ is driven from MAS 3504D to indicate
that data is available in PIO output mode.
EOD
OUT
‘End of DMA’ is supported by the built-in firmware in
PIO-DMA input mode.
4.2.1.4.2. PIO Data Lines
PI19...PI12
PARALLEL DATA
OUT/IN
These pins are used to send or receive compressed
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com