Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 20 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 20 Page - Micronas

Back Button MAS3504D Datasheet HTML 16Page - Micronas MAS3504D Datasheet HTML 17Page - Micronas MAS3504D Datasheet HTML 18Page - Micronas MAS3504D Datasheet HTML 19Page - Micronas MAS3504D Datasheet HTML 20Page - Micronas MAS3504D Datasheet HTML 21Page - Micronas MAS3504D Datasheet HTML 22Page - Micronas MAS3504D Datasheet HTML 23Page - Micronas MAS3504D Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MAS 3504D
20
Micronas
8E
w
DC/DC operation control
bit[19:17]
not used, set to 0
bit[16:14,9] output voltage / internal voltage monitor
(PUP signal becomes inactive when output
is below the monitoring voltage)
8000
DCCF
Setting
bit [16:14] and [9]
DC/DC-Converter
Output Voltage [V]
Internal Monitor
Voltage [V]
1 11
0
1 10
0
1 01
0
1 00
0
0 11
0
0 10
0
0 01
0
0 00
0
1 11
1
1 10
1
1 01
1
1 00
1
0 11
1
0 10
1
0 01
1
0 00
1
3.57
3.46
3.35
3.25
3.14
3.04
2.94
2.83
2.73
2.63
2.52
2.42
2.32
2.22
2.12
2.02
3.38
3.27
3.16
3.06
2.95
2.85
2.75
2.64
2.54
2.44
2.33
2.23
2.13
2.03
1.93
1.82
bit[13:10,8] DC/DC-converter switching frequency fSW [kHz]
Setting
bit [13:10]
Frequency/kHz
bit [8] = 0
Frequency/kHz
bit [8] = 1
11
11
11
10
11
01
11
00
10 11
10 10
10 01
10 00
01 11
01 10
01 01
01 00
00 11
00 10
00 01
00 00
156
160
163
167
171
175
179
184
188
194
199
204
210
216
223
230
128
245
253
263
272
283
295
307
320
335
351
368
387
409
433
460
bit[7:0]
not used, set to 0
Table 3–8: Detailed Register Usage, continued
Address
(hex)
Mode
Function
Default
(hex)
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com