Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 23 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 23 Page - Micronas

Back Button MAS3504D Datasheet HTML 19Page - Micronas MAS3504D Datasheet HTML 20Page - Micronas MAS3504D Datasheet HTML 21Page - Micronas MAS3504D Datasheet HTML 22Page - Micronas MAS3504D Datasheet HTML 23Page - Micronas MAS3504D Datasheet HTML 24Page - Micronas MAS3504D Datasheet HTML 25Page - Micronas MAS3504D Datasheet HTML 26Page - Micronas MAS3504D Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
MAS 3504D
Micronas
23
4.2. Pin Connections and Short Descriptions
NC
not connected, leave vacant
LV
If not used, leave vacant
X
obligatory, pin must be connected as described
in application information
VDD connect to positive supply
VSS connect to ground
Pin No.
Pin Name
Type
Connection
Short Description
PMQFP
44-pin
LFBGA
49-ball
Test Alias in ()
(If not used)
1
C3
TE
IN
VSS
Test Enable
2C2
POR
IN
X
Reset, Active Low
3B1
I2CC
IN/OUT
X
I2C Clock Line
4D2
I2CD
IN/OUT
X
I2C Data Line
5
C1
VDD
SUPPLY
X
Positive Supply for Digital Parts
6
D1
VSS
SUPPLY
X
Ground Supply for Digital Parts
7
E2
DCEN
IN
VSS
Enable DC/DC Converter
8E1
EOD
OUT
LV
PIO End of DMA, Active Low
9F2
RTR
OUT
LV
PIO Ready to Read, Active Low
10
F1
RTW
OUT
LV
PIO Ready to Write, Active Low
11
G1
DCSG
SUPPLY
VSS
DC Converter Transistor Ground
12
E3
DCSO
OUT
VSS
DC Converter Transistor Open Drain
13
F3
VSENS
IN
VDD
DC Converter Voltage Sense
14
G2
PR
IN
X
PIO-DMA Request or Read/Write
15
F4
PCS
IN
X
PIO Chip Select, Active Low
16
G3
PI19
IN/OUT
LV
PIO Data [19]
data bit [7], MSB
17
E4
PI18
IN/OUT
LV
PIO Data [18]
data bit [6]
18
G4
PI17
IN/OUT
LV
PIO Data [17]
data bit [5]
19
F5
PI16
IN/OUT
LV
PIO Data [16]
data bit [4]
20
G5
PI15
IN/OUT
LV
PIO Data [15]
data bit [3]
21
F6
PI14
IN/OUT
LV
PIO Data [14]
data bit [2]
22
G6
PI13
IN/OUT
LV
PIO Data [13]
data bit [1]
23
E5
PI12
IN/OUT
LV
PIO Data [12]
data bit [0]
24
E6
SOD
(PI11)
OUT
LV
Serial Output Data
25
F7
SOI
(PI10)
OUT
LV
Serial Output Frame Identification
26
D6
SOC
(PI9)
OUT
LV
Serial Output Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com