Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 12 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 12 Page - Micronas

Back Button MAS3504D Datasheet HTML 8Page - Micronas MAS3504D Datasheet HTML 9Page - Micronas MAS3504D Datasheet HTML 10Page - Micronas MAS3504D Datasheet HTML 11Page - Micronas MAS3504D Datasheet HTML 12Page - Micronas MAS3504D Datasheet HTML 13Page - Micronas MAS3504D Datasheet HTML 14Page - Micronas MAS3504D Datasheet HTML 15Page - Micronas MAS3504D Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MAS 3504D
12
Micronas
3. Control Interfaces
3.1. I2C Bus Interface
The MAS 3504D is controlled via the I2C bus slave
interface.
3.1.1. Device Address and Subaddresses
The IC is selected by transmitting the MAS 3504D
device addresses. (see Table 3–1).
Writing is done by sending the device write address,
(3Ahex) followed by the subaddress byte (68hex) and
two or more bytes of data. Reading is done by sending
the write device address (3Ahex), followed by the sub-
address byte (69hex). Without sending a stop condi-
tion, reading of the addressed data is completed by
sending the device read address (3Bhex) and reading
n-bytes of data.
By means of the RESET bit in the CONTROL register,
the MAS 3504D can be reset by the controller.
Due to the internal architecture of the MAS 3504D, the
IC cannot react immediately to an I2C request. The
typical
response
time
is
about
0.5 ms.
If
the
MAS 3504D cannot accept another complete byte of
data, it will hold the clock line I2C_CL LOW to force the
transmitter into a wait state. The positions within a
transmission where this may happen are indicated by
’Wait’ in Section 3.3. on page 14. The maximum wait
period of the MAS 3504D during normal operation
mode is less than 4 ms.
Fig. 3–1: I2C bus protocol (MSB first; data must be stable while clock is high)
Note: S =
I2C-Bus Start Condition from master
P=
I2C-Bus Stop Condition from master
A =
Acknowledge-Bit: LOW on I2C_DA from slave or master
N =
Not Acknowledge-Bit: HIGH on I2C_DA from master to indicate ‘End of Read’
Wait =
I2C-Clock line is held low, while the MAS 3504D is processing the I2C command. This waiting time is
max. 1 ms
Table 3–1: I2C Bus Device Addresses
MAS 3504D device
address
Write
Read
MAS_I2C_ADR
3Ahex
3Bhex
Table 3–2: Control Register (Subaddress: 6Ahex)
Name
Subaddress
Bit [8]
Bit : 0-7,
9-15
CONTROL
6Ahex
1: Reset
0 : normal
0
Table 3–3: I2C Bus Subaddresses
Name
Binary Value
Hex Value
Mode
Function
CONTROL_MAS
0110 1010
6Ahex
Write
control subaddress (see Table 3–2)
WR_MAS
0110 1000
68hex
Write
write subaddress
RD_MAS
0110 1001
69hex
Write
read subaddress
1
0
S
P
I2C_DA
I2C_CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com