Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 21 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 21 Page - Micronas

Back Button MAS3504D Datasheet HTML 17Page - Micronas MAS3504D Datasheet HTML 18Page - Micronas MAS3504D Datasheet HTML 19Page - Micronas MAS3504D Datasheet HTML 20Page - Micronas MAS3504D Datasheet HTML 21Page - Micronas MAS3504D Datasheet HTML 22Page - Micronas MAS3504D Datasheet HTML 23Page - Micronas MAS3504D Datasheet HTML 24Page - Micronas MAS3504D Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
MAS 3504D
Micronas
21
E1
r/w
Configuration of the I2S audio output interface
bit[19:15]
not used, set to 0
bit[14]
output clock signal
0
standard timing
1
inverted timing
bit[13:12]
not used, set to 0
bit[11]
additional delay of data related to word strobe
0
no delay
1
1 bit delay
bit[10:6]
not used, set to 0
bit[5]
output word strobe signal
0
standard timing
1
inverted timing
bit[4:0]
not used, set to 0
4000
OutputConfig
FA
r/w
Special operation options
bit[19:3]
not used, set to 0
bit[2:1]
input channel matrixing
00
add left/right channel
01
input only from right channel
10
input only from left channel
11
not allowed
bit[0]
page headers
0
enable
1disable
0HWControl
FC
r/w
Output volume
bit[19:0]
linear volume level
7FFFF
Volume
FD
r/w
Operation mode selection
bit[19:6]
not used, set to 0
bit[5:4]
decoding speed
00
8 kHz (normal)
01
6 kHz (slow)
10
12 kHz (fast)
11
not allowed
bit[3]
mute audio output
0disable
1
enable
bit[2]
pause encoder/decoder
0disable
1
enable
bit[1:0]
mode
00
idle
01
decode
10
not allowed
11
encode
0UserControl
Table 3–8: Detailed Register Usage, continued
Address
(hex)
Mode
Function
Default
(hex)
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com