Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3504D Datasheet(PDF) 17 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 17 Page - Micronas

Back Button MAS3504D Datasheet HTML 13Page - Micronas MAS3504D Datasheet HTML 14Page - Micronas MAS3504D Datasheet HTML 15Page - Micronas MAS3504D Datasheet HTML 16Page - Micronas MAS3504D Datasheet HTML 17Page - Micronas MAS3504D Datasheet HTML 18Page - Micronas MAS3504D Datasheet HTML 19Page - Micronas MAS3504D Datasheet HTML 20Page - Micronas MAS3504D Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
MAS 3504D
Micronas
17
3.5.2.1. Data Transmission Format
The codec is working on a page basis. That means,
that encoding and decoding is performed in blocks of
50 G.729 frames, whereas each frame consists of
10 bytes in byte swapped order (see Fig. 3–2). There-
fore most changes to the UserControl register become
effective when processing of a page is finished. The
pages are optionally preceeded by 10 byte header
frames (see Table 3–7).
Switching from encoding to decoding mode or vice
versa directly is not allowed. Instead the controller has
to send a stop request to the MAS 3504D (writing 0hex
to UserControl). Then the controller has to keep on
sending data in decoding mode or receive data in
encoding mode until the current page of 50 frames is
finished. After this run out time, the encoding or decod-
ing can be started again.
3.5.2.2. Encoder Operation
To enable the G.729 encoder mode, a special routine
has to be downloaded to the MAS 3504D IC first. This
has to be done with an I2C download before the
encoder is started the first time. If the encoder is
started without downloading the routine, the behavior
of the IC is unpredictable.
To switch to encoder operation mode, UserControl has
to be set to 3hex. Then 50 frames are encoded and
sent via the PIO interface. This is repeated until the
UserControl register is changed. If the transmission of
headers is enabled, each page of 50 frames is pre-
ceeded by a header frame as shown in Table 3–7.
To switch off the encoder, UserControl has to be set to
0hex. Then the encoding and sending of frames contin-
ues until the end of the current page and the operation
mode is set to stop.
3.5.2.3. Decoder Operation
The routines for the G.729 decoder mode are com-
pletely located in the MAS 3504D firmware. So there is
no need to download the encoder routine in a decode
only application.
To switch to decoder operation mode, UserControl has
to be set to 1hex. For decoding with slow speed, set
UserControl to 11hex. For decoding with fast speed, set
UserControl to 21hex. Then the decoder is requesting
several frames via the PIO interface to fill its internal
buffer. If enough data is available, 50 frames are
decoded. This is repeated until the UserControl regis-
ter is changed. If the transmission of headers is
enabled, a header frame (as shown in Table 3–7) has
to be sent before each page of 50 frames.
To switch off the decoder, UserControl has to be set to
0hex. Then the decoding of frames continues until the
end of the current page and the operation mode is set
to stop.
Table 3–6: Command Register Table
Address
(hex)
Mode
Function
Default
(hex)
Name
8E
w
DC/DC operation control
8000
DCCF
FD
r/w
Operation mode selection
0
UserControl
FC
r/w
Output volume
7FFFF
Volume
74
r/w
Serial interface wordlength
0
Wordlength
E1
r/w
Configuration of the I2S audio input interface
4
InputConfig
61
r/w
Configuration of the I2S audio output interface
4000
OutputConfig
FA
r/w
Special operation options
0
HWControl
Table 3–7: Content of Page Header
Byte
12
345
67
8910
Value
[hex]
64
6D 72
31
64
61
74
61
F4
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com