Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 30 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 30 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 26Page - Texas Instruments XIO2000AI Datasheet HTML 27Page - Texas Instruments XIO2000AI Datasheet HTML 28Page - Texas Instruments XIO2000AI Datasheet HTML 29Page - Texas Instruments XIO2000AI Datasheet HTML 30Page - Texas Instruments XIO2000AI Datasheet HTML 31Page - Texas Instruments XIO2000AI Datasheet HTML 32Page - Texas Instruments XIO2000AI Datasheet HTML 33Page - Texas Instruments XIO2000AI Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 165 page
background image
Introduction
21
April 2007 Revised October 2008
SCPS155C
Table 2−10. PCI System Terminals (Continued)
SIGNAL
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
PAR
E02
D03
D02
I/O
PCI
Bus
VCCP
−
PCI bus parity
PERR
F03
C01
D03
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI parity error
PME
M15
M14
L12
I
LV
CMOS
VDD_33_
COMBIO
Pullup
resistor per
PCI spec
PCI power management event. This
terminal may be used to detect PME
events from a PCI device on the
secondary bus.
Note: The PME input buffer has
hysteresis.
REQ5
REQ4
REQ3
REQ2
REQ1
REQ0
B13
B12
B11
C10
C09
B08
B12
B11
C09
B09
B08
B07
A12
A11
A10
C09
A08
B07
I
PCI
Bus
VCCP
If unused, a
weak pullup
resistor per
PCI spec
PCI request inputs. These signals are
used for arbitration on the secondary PCI
bus when an external arbiter is not used.
REQ0 is used as the GNT for the bridge
when an external arbiter is used.
PRST
U03
P01
P01
O
PCI
Bus
VCCP
−
PCI reset. This terminal is an output to
the secondary PCI bus.
SERR
E01
E03
D01
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI system error
STOP
F02
D02
E03
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI stop
TRDY
G03
F03
E01
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI target ready
Table 2−11. Reserved Terminals
SIGNAL
GZZ/ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
I/O
TYPE
DESCRIPTION
RSVD
N15, N16,
P16, R08,
T08, T10, T11,
T12, T14,
T15, T17,
U09, U11,
U12, U13,
U14, U15,
U16
K12, L07, L12,
M10, M11,
M13, N06,
N08, N09,
N10, N11,
P05, P06,
P08, P09,
P10, P13, P14
L07, L10, L14,
M06, M12,
M13, N06,
N08, N09,
N10, N11,
P06, P08,
P09, P10,
P11, P12, P14
O
Reserved, do not connect to external signals.
RSVD
R16
N12
N14
I
Must be connected to VDD_33.
RSVD
D16, D17,
P17, R09,
T09, U10
D12, D14,
M07, N07,
N14, P07
D13, D14,
M14, P07,
M07, N07
I
Must be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com