Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 96 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 96 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 92Page - Texas Instruments XIO2000AI Datasheet HTML 93Page - Texas Instruments XIO2000AI Datasheet HTML 94Page - Texas Instruments XIO2000AI Datasheet HTML 95Page - Texas Instruments XIO2000AI Datasheet HTML 96Page - Texas Instruments XIO2000AI Datasheet HTML 97Page - Texas Instruments XIO2000AI Datasheet HTML 98Page - Texas Instruments XIO2000AI Datasheet HTML 99Page - Texas Instruments XIO2000AI Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 165 page
background image
Classic PCI Configuration Space
87
April 2007 Revised October 2008
SCPS155C
4.67 Clock Mask Register
This register selects which PCI bus clocks are disabled when bits 22:20 (POWER_OVRD) in the general
control register (offset D4h, see Section 4.65) are set to 010h or 011h. This register has no effect on the clock
outputs if the POWER_OVRD bits are not set to 010h or 011h or if the slot power limit is greater than the power
required. See Table 4−41 for a complete description of the register contents.
PCI register offset:
D9h
Register type:
Read-only, Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4−41. Clock Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
RSVD
R
Reserved. Returns 0b when read.
6†
CLOCK6_MASK
RW
Clock output 6 mask. This bit disables PCI bus CLKOUT6 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
5†
CLOCK5_MASK
RW
Clock output 5 mask. This bit disables PCI bus CLKOUT5 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
4†
CLOCK4_MASK
RW
Clock output 4 mask. This bit disables PCI bus CLKOUT4 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
3†
CLOCK3_MASK
RW
Clock output 3 mask. This bit disables PCI bus CLKOUT3 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
2†
CLOCK2_MASK
RW
Clock output 2 mask. This bit disables PCI bus CLKOUT2 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
1†
CLOCK1_MASK
RW
Clock output 1 mask. This bit disables PCI bus CLKOUT1 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
0†
CLOCK0_MASK
RW
Clock output 0 mask. This bit disables PCI bus CLKOUT0 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com