Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 59 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 59 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 55Page - Texas Instruments XIO2000AI Datasheet HTML 56Page - Texas Instruments XIO2000AI Datasheet HTML 57Page - Texas Instruments XIO2000AI Datasheet HTML 58Page - Texas Instruments XIO2000AI Datasheet HTML 59Page - Texas Instruments XIO2000AI Datasheet HTML 60Page - Texas Instruments XIO2000AI Datasheet HTML 61Page - Texas Instruments XIO2000AI Datasheet HTML 62Page - Texas Instruments XIO2000AI Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 165 page
background image
Classic PCI Configuration Space
50
April 2007 Revised October 2008
SCPS155C
Table 4−1. PCI Express Configuration Register Map (Continued)
REGISTER NAME
OFFSET
GPIO data†
GPIO control†
0B4h
Reserved
0B8h−0BCh
Control and diagnotic register 0†
0C0h
Control and diagnotic register 1†
0C4h
Control and diagnotic register 2†
0C8h
Reserved
0CCh
Subsystem access†
0D0h
General control†
0D4h
Reserved
Clock run status†
Clock mask†
Clock control†
0D8h
Reserved
Arbiter time-out status
Arbiter request mask†
Arbiter control†
0DCh
Serial IRQ edge control†
Reserved
Serial IRQ mode control†
0E0h
Reserved
Serial IRQ status
0E4h
Reserved
0E8h−0FCh
† One or more bits in this register are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
4.1
Vendor ID Register
This 16-bit read-only register contains the value 104Ch, which is the vendor ID assigned to Texas Instruments.
PCI register offset:
00h
Register type:
Read-only
Default value:
104Ch
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
4.2
Device ID Register
This 16-bit read-only register contains the value 8231h, which is the device ID assigned by TI for the bridge.
PCI register offset:
02h
Register type:
Read-only
Default value:
8231h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
1
0
0
0
0
0
1
0
0
0
1
1
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com