Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 95 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 95 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 91Page - Texas Instruments XIO2000AI Datasheet HTML 92Page - Texas Instruments XIO2000AI Datasheet HTML 93Page - Texas Instruments XIO2000AI Datasheet HTML 94Page - Texas Instruments XIO2000AI Datasheet HTML 95Page - Texas Instruments XIO2000AI Datasheet HTML 96Page - Texas Instruments XIO2000AI Datasheet HTML 97Page - Texas Instruments XIO2000AI Datasheet HTML 98Page - Texas Instruments XIO2000AI Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 165 page
background image
Classic PCI Configuration Space
86
April 2007 Revised October 2008
SCPS155C
4.66 Clock Control Register
This register enables and disables the PCI clock outputs (CLKOUT). See Table 4−40 for a complete
description of the register contents.
PCI register offset:
D8h
Register type:
Read-only, Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4−40. Clock Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
RSVD
R
Reserved. Returns 0b when read.
6†
CLOCK6_DISABLE
RW
Clock output 6 disable. This bit disables secondary CLKOUT6.
0 = Clock enabled (default)
1 = Clock disabled
5†
CLOCK5_DISABLE
RW
Clock output 5 disable. This bit disables secondary CLKOUT5.
0 = Clock enabled (default)
1 = Clock disabled
4†
CLOCK4_DISABLE
RW
Clock output 4 disable. This bit disables secondary CLKOUT4.
0 = Clock enabled (default)
1 = Clock disabled
3†
CLOCK3_DISABLE
RW
Clock output 3 disable. This bit disables secondary CLKOUT3.
0 = Clock enabled (default)
1 = Clock disabled
2†
CLOCK2_DISABLE
RW
Clock output 2 disable. This bit disables secondary CLKOUT2.
0 = Clock enabled (default)
1 = Clock disabled
1†
CLOCK1_DISABLE
RW
Clock output 1 disable. This bit disables secondary CLKOUT1.
0 = Clock enabled (default)
1 = Clock disabled
0†
CLOCK0_DISABLE
RW
Clock output 0 disable. This bit disables secondary CLKOUT0.
0 = Clock enabled (default)
1 = Clock disabled
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com