Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 45 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 45 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 41Page - Texas Instruments XIO2000AI Datasheet HTML 42Page - Texas Instruments XIO2000AI Datasheet HTML 43Page - Texas Instruments XIO2000AI Datasheet HTML 44Page - Texas Instruments XIO2000AI Datasheet HTML 45Page - Texas Instruments XIO2000AI Datasheet HTML 46Page - Texas Instruments XIO2000AI Datasheet HTML 47Page - Texas Instruments XIO2000AI Datasheet HTML 48Page - Texas Instruments XIO2000AI Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 165 page
background image
Feature/Protocol Descriptions
36
April 2007 Revised October 2008
SCPS155C
Table 3−10. 32-phase, WRR Arbiter Registers
PCI OFFSET
REGISTER NAME
DESCRIPTION
Classic PCI configuration
register D4h
General control
(see Section 4.65)
Bit 25 (STRICT_PRIORITY_EN) equal to 0b enables either hardware-fixed,
round-robin or 32-phase, WRR arbitration mode.
PCI Express VC extended
configuration register 15Ch
Port VC control
(see Section 5.19)
Bit 0 (LOAD_VC_TABLE) when written with a 1b transfers the VC arbitration table
configuration register values to the internal registers used by the VC arbiter.
Bits 3:1 (VC_ARB_SELECT) equal to 001b enables 32-phase, WRR arbitration
mode.
PCI Express VC extended
configuration register 15Eh
Port VC status
(see Section 5.20)
Bit 0 (VC_TABLE_STATUS) equal to 1b indicates that the VC arbitration table
configuration registers were updated but not loaded into the internal arbitration
table.
PCI Express VC extended
configuration registers 180h
to 18Ch
VC arbitration table
(see Section 5.27)
4-doubleword sized configuration registers that are the registered version of the
32-phase, WRR VC arbitration table. Each VC arbitration table entry is a 4-bit field.
3.5.4 128-Phase, WRR PCI Port Arbitration Timing
This section includes a timing diagram that illustrates the 128-phase, WRR time-based arbiter timing for the
bridge and three PCI bus devices. This timing diagram assumes aggressive mode since the transfer
associated with device #1 is stopped to start a device #0 transfer. The PCI bus cycle where device #1 is
stopped is indicated by the ‡ symbol. Device #1 then waits until its next port arbitration table cycle to finish
the transfer.
The signal waveforms associated with bridge REQ, bridge GNT, ISOC reference clock, and port arbitration
table entry are internal to the bridge. These internal bridge signals are included here to help clarify the
operation of the PCI port arbiter in 128-phase, WRR time-based arbitration mode. The remaining REQ, GNT,
and PCI bus signals are all external to the bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com