Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 85 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 85 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 81Page - Texas Instruments XIO2000AI Datasheet HTML 82Page - Texas Instruments XIO2000AI Datasheet HTML 83Page - Texas Instruments XIO2000AI Datasheet HTML 84Page - Texas Instruments XIO2000AI Datasheet HTML 85Page - Texas Instruments XIO2000AI Datasheet HTML 86Page - Texas Instruments XIO2000AI Datasheet HTML 87Page - Texas Instruments XIO2000AI Datasheet HTML 88Page - Texas Instruments XIO2000AI Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 165 page
background image
Classic PCI Configuration Space
76
April 2007 Revised October 2008
SCPS155C
4.54 Link Status Register
The link status register indicates the current state of the PCI Express link. See Table 4−30 for a complete
description of the register contents.
PCI register offset:
A2h
Register type:
Read-only
Default value:
X011h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
x
0
0
0
0
0
0
0
1
0
0
0
1
Table 4−30. Link Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:13
RSVD
R
Reserved. Returns 000b when read.
12
SCC
R
Slot clock configuration. This bit indicates that the bridge uses the same physical reference clock
that the platform provides on the connector. If the bridge uses an independent clock irrespective of
the presence of a reference on the connector, then this bit must be cleared.
0 = Independent 125-MHz reference clock is used
1 = Common 100-MHz reference clock is used
11
LT
R
Link training. This bit has no function and is read-only 0b.
10
TE
R
Retrain link. This bit has no function and is read-only 0b.
9:4
NLW
R
Negotiated link width. This field is read-only 00 0001b indicating the lane width is 1x.
3:0
LS
R
Link speed. This field is read-only 1h indicating the link speed is 2.5 Gb/s.
4.55 Serial-Bus Data Register
The serial-bus data register reads and writes data on the serial-bus interface. Write data is loaded into this
register prior to writing the serial-bus slave address register (offset B2h, see Section 4.57) that initiates the
bus cycle. When reading data from the serial bus, this register contains the data read after bit 5 (REQBUSY)
of the serial-bus control and status register (offset B3h, see Section 4.58) is cleared. This register is reset by
a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI register offset:
B0h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.56 Serial-Bus Word Address Register
The value written to the serial-bus word address register represents the word address of the byte being read
from or written to the serial-bus device. The word address is loaded into this register prior to writing the
serial-bus slave address register (offset B2h, see Section 4.57) that initiates the bus cycle. This register is reset
by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI register offset:
B1h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com