Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 70 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 70 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 66Page - Texas Instruments XIO2000AI Datasheet HTML 67Page - Texas Instruments XIO2000AI Datasheet HTML 68Page - Texas Instruments XIO2000AI Datasheet HTML 69Page - Texas Instruments XIO2000AI Datasheet HTML 70Page - Texas Instruments XIO2000AI Datasheet HTML 71Page - Texas Instruments XIO2000AI Datasheet HTML 72Page - Texas Instruments XIO2000AI Datasheet HTML 73Page - Texas Instruments XIO2000AI Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 165 page
background image
Classic PCI Configuration Space
61
April 2007 Revised October 2008
SCPS155C
4.27 Interrupt Line Register
This read/write register is programmed by the system and indicates to the software which interrupt line the
bridge has assigned to it. The default value of this register is FFh, indicating that an interrupt line has not yet
been assigned to the function. Since the bridge does not generate interrupts internally, this register is a scratch
pad register.
PCI register offset:
3Ch
Register type:
Read/Write
Default value:
FFh
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
1
1
1
1
1
1
1
1
4.28 Interrupt Pin Register
The interrupt pin register is read-only 00h indicating that the bridge does not generate internal interrupts. While
the bridge does not generate internal interrupts, it does forward interrupts from the secondary interface to the
primary interface.
PCI register offset:
3Dh
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
4.29 Bridge Control Register
The bridge control register provides extensions to the command register that are specific to a bridge. See
Table 4−17 for a complete description of the register contents.
PCI register offset:
3Eh
Register type:
Read-only, Read/Write, Read/Clear
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−17. Bridge Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:12
RSVD
R
Reserved. Returns 0h when read.
11
DTSERR
RW
Discard timer SERR enable. Applies only in conventional PCI mode. This bit enables the bridge to
generate either an ERR_NONFATAL (by default) or ERR_FATAL transaction on the primary
interface when the secondary discard timer expires and a delayed transaction is discarded from a
queue in the bridge. The severity is selectable only if advanced error reporting is supported.
0 = Do not generate ERR_NONFATAL or ERR_FATAL on the primary interface as a result of
the expiration of the secondary discard timer. Note that an error message can still be sent if
advanced error reporting is supported and bit 10 (DISCARD_TIMER_MASK) in the
secondary uncorrectable error mask register (offset 130h, see Section 5.11) is clear
(default).
1 = Generate ERR_NONFATAL or ERR_FATAL on the primary interface if the secondary
discard timer expires and a delayed transaction is discarded from a queue in the bridge
10
DTSTATUS
RCU
Discard timer status. This bit indicates if a discard timer expires and a delayed transaction is
discarded.
0 = No discard timer error
1 = Discard timer error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com