Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 55 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 55 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 51Page - Texas Instruments XIO2000AI Datasheet HTML 52Page - Texas Instruments XIO2000AI Datasheet HTML 53Page - Texas Instruments XIO2000AI Datasheet HTML 54Page - Texas Instruments XIO2000AI Datasheet HTML 55Page - Texas Instruments XIO2000AI Datasheet HTML 56Page - Texas Instruments XIO2000AI Datasheet HTML 57Page - Texas Instruments XIO2000AI Datasheet HTML 58Page - Texas Instruments XIO2000AI Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 165 page
background image
Feature/Protocol Descriptions
46
April 2007 Revised October 2008
SCPS155C
3.10.4
Accessing Serial-Bus Devices Through Software
The bridge provides a programming mechanism to control serial-bus devices through system software. The
programming is accomplished through a doubleword of PCI configuration space at offset B0h. Table 3−14 lists
the registers that program a serial-bus device through software.
Table 3−14. Registers Used To Program Serial-Bus Devices
PCI OFFSET
REGISTER NAME
DESCRIPTION
B0h
Serial-bus data
(see Section 4.55)
Contains the data byte to send on write commands or the received data byte on read
commands.
B1h
Serial-bus word address
(see Section 4.56)
The content of this register is sent as the word address on byte writes or reads. When bit 7
(PROT_SEL) in the serial-bus control and status register (offset B3h, see Section 4.58) is set
to 1b and the quick command protocol is selected, this word address is ignored.
B2h
Serial-bus slave address
(see Section 4.57)
Write transactions to this register initiate a serial-bus transaction. The slave device address
and the R/W command selector are programmed through this register.
B3h
Serial-bus control and status
(see Section 4.58)
Serial interface enable, busy, and error status are communicated through this register. In
addition, the protocol-select (PROT_SEL) bit and serial-bus test (SBTEST) bit are
programmed through this register.
To access the serial EEPROM through the software interface, the following steps are performed:
1.
The control and status byte is read to verify the EEPROM interface is enabled (SBDETECT asserted) and
not busy (REQBUSY and ROMBUSY deasserted).
2.
The serial-bus word address is loaded. If the access is a write, then the data byte is also loaded.
3.
The serial-bus slave address and R/W command selector byte is written.
4.
REQBUSY is monitored until this bit is deasserted.
5.
SB_ERR is checked to verify that the serial-bus operation completed without error. If the operation is a
read, then the serial-bus data byte is now valid.
3.11 Advanced Error Reporting Registers
In the extended PCI Express configuration space, the bridge supports the advanced error reporting
capabilities structure. For the PCI Express interface, both correctable and uncorrectable error status is
provided. For the PCI bus interface, secondary uncorrectable error status is provided. All uncorrectable status
bits have corresponding mask and severity control bits. For correctable status bits, only mask bits are
provided.
Both the primary and secondary interfaces include first error pointer and header log registers. When the first
error is detected, the corresponding bit position within the uncorrectable status register is loaded into the first
error pointer register. Likewise, the header information associated with the first failing transaction is loaded
into the header log. To reset this first error control logic, the corresponding status bit in the uncorrectable status
register is cleared by a writeback of 1b.
For systems that require high data reliability, ECRC is fully supported on the PCI Express interface. The
primary side advanced error capabilities and control register has both ECRC generation and checking enable
control bits. When the checking bit is asserted, all received TLPs are checked for a valid ECRC field. If the
generation bit is asserted, then all transmitted TLPs contain a valid ECRC field.
3.12 Data Error Forwarding Capability
The bridge supports the transfer of data errors in both directions.
If a downstream PCI Express transaction with a data payload is received that targets the PCI bus and the EP
bit is set indicating poisoned data, then the bridge must ensure that this information is transferred to the PCI
bus. To do this, the bridge forces a parity error on each PCI bus data phase by inverting the parity bit calculated
for each double-word of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com