Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 47 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 47 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 43Page - Texas Instruments XIO2000AI Datasheet HTML 44Page - Texas Instruments XIO2000AI Datasheet HTML 45Page - Texas Instruments XIO2000AI Datasheet HTML 46Page - Texas Instruments XIO2000AI Datasheet HTML 47Page - Texas Instruments XIO2000AI Datasheet HTML 48Page - Texas Instruments XIO2000AI Datasheet HTML 49Page - Texas Instruments XIO2000AI Datasheet HTML 50Page - Texas Instruments XIO2000AI Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 165 page
background image
Feature/Protocol Descriptions
38
April 2007 Revised October 2008
SCPS155C
In addition, the bridge converts the destination ID device number to one of the AD[31:16] lines as the IDSEL
signal. The implemented IDSEL signal mapping is shown in Table 3−11.
Table 3−11. Type 0 Configuration Transaction IDSEL Mapping
DEVICE
NUMBER
AD[31:16]
00000
0000 0000 0000 0001
00001
0000 0000 0000 0010
00010
0000 0000 0000 0100
00011
0000 0000 0000 1000
00100
0000 0000 0001 0000
00101
0000 0000 0010 0000
00110
0000 0000 0100 0000
00111
0000 0000 1000 0000
01000
0000 0001 0000 0000
01001
0000 0010 0000 0000
01010
0000 0100 0000 0000
01011
0000 1000 0000 0000
01100
0001 0000 0000 0000
01101
0010 0000 0000 0000
01110
0100 0000 0000 0000
01111
1000 0000 0000 0000
1xxxx
0000 0000 0000 0000
Type 1 configuration registers transactions that target a downstream bus other then the secondary bus are
output on the PCI bus as type 1 PCI configuration transactions. Figure 3−7 shows the address phase of a type
1 configuration transaction on the PCI bus as defined by the PCI specification.
31
24
23
16
15
11
10
8
7
2
1
0
Reserved
Bus Number
Device Number
Function
Number
Register Number
0
1
Figure 3−7. Type 1 Configuration Transaction Address Phase Encoding
3.7
PCI Interrupt Conversion to PCI Express Messages
The bridge converts interrupts from the PCI bus sideband interrupt signals to PCI Express interrupt messages.
PCI Express Assert_INTx messages are generated when one of the PCI bus INT[A:D] input terminals
transitions low. The requester ID portion of the Assert_INTx message uses the value stored in the primary bus
number register (see Section 4.11) as the bus number, 0 as the device number, and 0 as the function number.
The tag field for each Assert_INTx message is 00h. The lower two bits in the code field indicate the asserted
interrupt signal.
PCI Express Deassert_INTx messages are generated when one of the PCI bus INT[A:D] input terminals
transitions high. The requester ID portion of the Deassert_INTx message uses the value stored in the primary
bus number register as the bus number, 0 as the device number, and 0 as the function number. The Tag field
for each Deassert_INTx message is 00h. The lower two bits in the code field indicate the deasserted interrupt
signal.
Table 3−12, Figure 3−8, and Figure 3−9 illustrate the format for both the assert and deassert INTx messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com