Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 84 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 84 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 80Page - Texas Instruments XIO2000AI Datasheet HTML 81Page - Texas Instruments XIO2000AI Datasheet HTML 82Page - Texas Instruments XIO2000AI Datasheet HTML 83Page - Texas Instruments XIO2000AI Datasheet HTML 84Page - Texas Instruments XIO2000AI Datasheet HTML 85Page - Texas Instruments XIO2000AI Datasheet HTML 86Page - Texas Instruments XIO2000AI Datasheet HTML 87Page - Texas Instruments XIO2000AI Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 165 page
background image
Classic PCI Configuration Space
75
April 2007 Revised October 2008
SCPS155C
4.53 Link Control Register
The link control register controls link specific behavior. See Table 4−29 for a complete description of the
register contents.
PCI register offset:
A0h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−29. Link Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:8
RSVD
R
Reserved. Returns 00h when read.
7
ES
RW
Extended synch. This bit forces the bridge to extend the transmission of FTS ordered sets and an
extra TS2 when exiting from L1 prior to entering to L0.
0 = Normal synch (default)
1 = Extended synch
6
CCC
RW
Common clock configuration. When this bit is set, it indicates that the bridge and the device at the
opposite end of the link are operating with a common clock source. A value of 0b indicates that the
bridge and the device at the opposite end of the link are operating with separate reference clock
sources. The bridge uses this common clock configuration information to report the L0s and L1 exit
latencies.
0 = Reference clock is asynchronous (default)
1 = Reference clock is common
5
RL
R
Retrain link. This bit has no function and is read-only 0b.
4
LD
R
Link disable. This bit has no function and is read-only 0b.
3
RCB
RW
Read completion boundary. This bit is an indication of the RCB of the root complex. The state of
this bit has no affect on the bridge, since the RCB of the bridge is fixed at 128 bytes.
0 = 64 bytes (default)
1 = 128 bytes
2
RSVD
R
Reserved. Returns 0b when read.
1:0
ASLPMC
RW
Active state link PM control. This field enables and disables the active state PM.
00 = Active state PM disabled (default)
01 = L0s entry enabled
10 = L1 entry enabled
11 = L0s and L1 entry enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com