Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 66 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 66 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 62Page - Texas Instruments XIO2000AI Datasheet HTML 63Page - Texas Instruments XIO2000AI Datasheet HTML 64Page - Texas Instruments XIO2000AI Datasheet HTML 65Page - Texas Instruments XIO2000AI Datasheet HTML 66Page - Texas Instruments XIO2000AI Datasheet HTML 67Page - Texas Instruments XIO2000AI Datasheet HTML 68Page - Texas Instruments XIO2000AI Datasheet HTML 69Page - Texas Instruments XIO2000AI Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 165 page
background image
Classic PCI Configuration Space
57
April 2007 Revised October 2008
SCPS155C
4.17 Secondary Status Register
The secondary status register provides information about the PCI bus interface. See Table 4−8 for a complete
description of the register contents.
PCI register offset:
1Eh
Register type:
Read-only, Read/Clear
Default value:
02X0h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
1
0
1
0
x
0
0
0
0
0
Table 4−8. Secondary Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
PAR_ERR
RCU
Detected parity error. This bit reports the detection of an uncorrectable address, attribute, or data
error by the bridge on its secondary interface. This bit must be set when any of the following three
conditions are true:
The bridge detects an uncorrectable address or attribute error as a potential target.
The bridge detects an uncorrectable data error when it is the target of a write transaction.
The bridge detects an uncorrectable data error when it is the master of a read transaction
(immediate read data).
The bit is set irrespective of the state of bit 0 (PERR_EN) in the bridge control register at offset 3Eh
(see Section 4.29).
0 = Uncorrectable address, attribute, or data error not detected on secondary interface
1 = Uncorrectable address, attribute, or data error detected on secondary interface
14
SYS_ERR
RCU
Received system error. This bit is set when the bridge detects an SERR assertion.
0 = No error asserted on the PCI interface
1 = SERR asserted on the PCI interface
13
MABORT
RCU
Received master abort. This bit is set when the PCI interface of the bridge reports the detection of
a master abort termination by the bridge when it is the master of a transaction on its secondary
interface.
0 = Master abort not received on the PCI interface
1 = Master abort received on the PCI interface
12
TABORT_REC
RCU
Received target abort. This bit is set when the PCI interface of the bridge receives a target abort.
0 = Target abort not received on the PCI interface
1 = Target abort received on the PCI interface
11
TABORT_SIG
RCU
Signaled target abort. This bit reports the signaling of a target abort termination by the bridge when
it responds as the target of a transaction on its secondary interface.
0 = Target abort not signaled on the PCI interface
1 = Target abort signaled on the PCI interface
10:9
PCI_SPEED
R
DEVSEL timing. These bits are 01b indicating that this is a medium speed decoding device.
8
DATAPAR
RCU
Master data parity error. This bit is set if the bridge is the bus master of the transaction on the PCI
bus, bit 0 (PERR_EN) in the bridge control register (offset 3Eh see Section 4.29) is set, and the
bridge either asserts PERR on a read transaction or detects PERR asserted on a write transaction.
0 = No data parity error detected on the PCI interface
1 = Data parity error detected on the PCI interface
7
FBB_CAP
R
Fast back-to-back capable. This bit returns a 1b when read indicating that the secondary PCI
interface of bridge supports fast back-to-back transactions.
6
RSVD
R
Reserved. Returns 0b when read.
5
66MHZ
R
66-MHz capable. The bridge can operate at a maximum CLK frequency of 66 MHz; therefore, this
bit reflects the state of the M66EN terminal.
4:0
RSVD
R
Reserved. Returns 00000b when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com