Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 58 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 58 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 54Page - Texas Instruments XIO2000AI Datasheet HTML 55Page - Texas Instruments XIO2000AI Datasheet HTML 56Page - Texas Instruments XIO2000AI Datasheet HTML 57Page - Texas Instruments XIO2000AI Datasheet HTML 58Page - Texas Instruments XIO2000AI Datasheet HTML 59Page - Texas Instruments XIO2000AI Datasheet HTML 60Page - Texas Instruments XIO2000AI Datasheet HTML 61Page - Texas Instruments XIO2000AI Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 165 page
background image
Classic PCI Configuration Space
49
April 2007 Revised October 2008
SCPS155C
4
Classic PCI Configuration Space
The programming model of the XIO2000A PCI-Express to PCI bridge is compliant to the classic PCI-to-PCI
bridge programming model. The PCI configuration map uses the type 1 PCI bridge header.
All bits marked with a k are sticky bits and are reset by a global reset (GRST) or the internally-generated
power-on reset. All bits marked with a † are reset by a PCI Express reset (PERST), a GRST, or the
internally-generated power-on reset. The remaining register bits are reset by a PCI Express hot reset, PERST,
GRST, or the internally-generated power-on reset.
Table 4−1. Classic PCI Configuration Register Map
REGISTER NAME
OFFSET
Device ID
Vendor ID
000h
Status
Command
004h
Class code
Revision ID
008h
BIST
Header type
Latency timer
Cache line size
00Ch
Device control base address
010h
Reserved
014h
Secondary latency timer
Subordinate bus number
Secondary bus number
Primary bus number
018h
Secondary status
I/O limit
I/O base
01Ch
Memory limit
Memory base
020h
Prefetchable memory limit
Prefetchable memory base
024h
Prefetchable base upper 32 bits
028h
Prefetchable limit upper 32 bits
02Ch
I/O limit upper 16 bits
I/O base upper 16 bits
030h
Reserved
Capabilities pointer
034h
Reserved
038h
Bridge control
Interrupt pin
Interrupt line
03Ch
Reserved
040h−04Ch
Power management capabilities
Next item pointer
PM CAP ID
050h
PM data
PMCSR_BSE
Power management CSR
054h
Reserved
058h−05Ch
MSI message control
Next item pointer
MSI CAP ID
060h
MSI message address
064h
MSI upper message address
068h
Reserved
MSI message data
06Ch
Reserved
070h−07Ch
Reserved
Next item pointer
SSID/SSVID CAP ID
080h
Subsystem ID†
Subsystem vendor ID†
084h
Reserved
088h−08Ch
PCI Express capabilities register
Next item pointer
PCI Express capability ID
090h
Device capabilities
094h
Device status
Device control
098h
Link capabilities
09Ch
Link status
Link control
0A0h
Reserved
0A4h−0ACh
Serial-bus control and
status†
Serial-bus slave address†
Serial-bus word address†
Serial-bus data†
0B0h
† One or more bits in this register are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com