Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 91 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 91 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 87Page - Texas Instruments XIO2000AI Datasheet HTML 88Page - Texas Instruments XIO2000AI Datasheet HTML 89Page - Texas Instruments XIO2000AI Datasheet HTML 90Page - Texas Instruments XIO2000AI Datasheet HTML 91Page - Texas Instruments XIO2000AI Datasheet HTML 92Page - Texas Instruments XIO2000AI Datasheet HTML 93Page - Texas Instruments XIO2000AI Datasheet HTML 94Page - Texas Instruments XIO2000AI Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 165 page
background image
Classic PCI Configuration Space
82
April 2007 Revised October 2008
SCPS155C
4.62 Control and Diagnostic Register 1
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4−36 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause interoperability
or other problems.
PCI register offset:
C4h
Register type:
Read/Write
Default value:
0012 0108h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
1
0
0
1
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
Table 4−36. Control and Diagnostic Register 1 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
32:21
RSVD
R
Reserved. Returns 000h when read.
20:18†
L1_EXIT_LAT_
ASYNC
RW
L1 exit latency for asynchronous clock. When bit 6 (CCC) of the link control register (offset A0h,
see Section 4.53) is set, the value in this field is mirrored in bits 17:15 (L1_LATENCY) field in the
link capabilities register (offset 9Ch, see Section 4.52). This field defaults to 100b.
17:15†
L1_EXIT_LAT_
COMMON
RW
L1 exit latency for common clock. When bit 6 (CCC) of the link control register (offset A0h, see
Section 4.53) is clear, the value in this field is mirrored in bits 17:15 (L1_LATENCY) field in the link
capabilities register (offset 9Ch, see Section 4.52). This field defaults to 100b.
14:11†
RSVD
RW
Reserved. Bits 14:11 default to 0000b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 0000b.
10†
SBUS_RESET
_MASK
RW
Secondary bus reset bit mask. When this bit is set, the bridge masks the reset caused by bit 6
(SRST) of the bridge control register (offset 3Eh, see Section 4.29). This bit defaults to 0b.
9:6†
L1ASPM_
TIMER
RW
L1ASPM entry timer. This field specifies the value (in 512-ns ticks) of the L1ASPM entry timer. This
field defaults to 0100b.
5:2†
L0s_TIMER
RW
L0s entry timer. This field specifies the value (in 62.5-MHz clock ticks) of the L0s entry timer. This
field defaults to 0010b.
1:0†
RSVD
RW
Reserved. Bits 1:0 default to 00b. If this register is programmed via EEPROM or another
mechanism, then the value written into this field must be 00b.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com